Electronic Components Datasheet Search
  English  ▼

X  

SLR200 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # SLR200
Description  Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SLR200 Datasheet(HTML) 6 Page - YAGEO Corporation

  SLR200 Datasheet HTML 1Page - YAGEO Corporation SLR200 Datasheet HTML 2Page - YAGEO Corporation SLR200 Datasheet HTML 3Page - YAGEO Corporation SLR200 Datasheet HTML 4Page - YAGEO Corporation SLR200 Datasheet HTML 5Page - YAGEO Corporation SLR200 Datasheet HTML 6Page - YAGEO Corporation SLR200 Datasheet HTML 7Page - YAGEO Corporation SLR200 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.yageo.com
Aug. 12, 2024 V.2
Cement Resistors
6
8
Product Specification
SLR
Through Hole Resistors
MARKING
Example:
YAGEO
= Brand
1210
= Date code
3W
= Power rating
0R18
= Resistance
K
= Tolerance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com