Electronic Components Datasheet Search
  English  ▼

X  

SLR200 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # SLR200
Description  Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SLR200 Datasheet(HTML) 7 Page - YAGEO Corporation

  SLR200 Datasheet HTML 1Page - YAGEO Corporation SLR200 Datasheet HTML 2Page - YAGEO Corporation SLR200 Datasheet HTML 3Page - YAGEO Corporation SLR200 Datasheet HTML 4Page - YAGEO Corporation SLR200 Datasheet HTML 5Page - YAGEO Corporation SLR200 Datasheet HTML 6Page - YAGEO Corporation SLR200 Datasheet HTML 7Page - YAGEO Corporation SLR200 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.yageo.com
Aug. 12, 2024 V.2
Cement Resistors
7
8
Product Specification
SLR
Through Hole Resistors
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 2
Aug.12, 2024 -
- Update resistance range
Version 1
Aug.31, 2023 -
- Revised LEGAL DISCLAIMER
Version 0
Aug.2, 2021
-
- First issue of this specification
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as
the products itse lf are unchanged. Any product change will be announced by PCN.”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com