Electronic Components Datasheet Search
  English  ▼

X  

RSF3WS Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RSF3WS
Description  Metal Oxide Film Resistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RSF3WS Datasheet(HTML) 3 Page - YAGEO Corporation

  RSF3WS Datasheet HTML 1Page - YAGEO Corporation RSF3WS Datasheet HTML 2Page - YAGEO Corporation RSF3WS Datasheet HTML 3Page - YAGEO Corporation RSF3WS Datasheet HTML 4Page - YAGEO Corporation RSF3WS Datasheet HTML 5Page - YAGEO Corporation RSF3WS Datasheet HTML 6Page - YAGEO Corporation RSF3WS Datasheet HTML 7Page - YAGEO Corporation RSF3WS Datasheet HTML 8Page - YAGEO Corporation RSF3WS Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.yageo.com
Apr. 01, 2024 V.4
Metal Oxide Film Resistors
3
18
Product Specification
RSF
Through Hole Resistors
DIMENSIONS
Unit: mm
Normal
Miniature L
ψD
H
ψd
RSF-50
RSF1WS
9.0 ± 0.5
3.3 ± 0.3
26 ± 2.0
0.55 ± 0.05
RSF100
RSF2WS
11.5 ± 1.0 4.5 ± 0.5
35 ± 2.0
0.8 ± 0.05
RSF200
RSF3WS
15.5 ± 1.0 5.0 ± 0.5
33 ± 2.0
0.8 ± 0.05
RSF3WM
RSF5SS
17.5 ± 1.0 6.5±1.0
32 ± 2.0
0.8 ± 0.05
RSF300
RSF5WS
24.5 ± 1.0 8.5 ± 1.0
38 ± 2.0
0.8 ± 0.05
RSF500
-
24.5 ± 1.0 8.5 ± 1.0
38 ± 2.0
0.8 ± 0.05
DERATING CURVE
Rated Power (%) 100
80
60
40
20
70
155
235
Ambient Temperature (°C)
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com