Electronic Components Datasheet Search
  English  ▼

X  

RSF3WS Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RSF3WS
Description  Metal Oxide Film Resistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RSF3WS Datasheet(HTML) 5 Page - YAGEO Corporation

  RSF3WS Datasheet HTML 1Page - YAGEO Corporation RSF3WS Datasheet HTML 2Page - YAGEO Corporation RSF3WS Datasheet HTML 3Page - YAGEO Corporation RSF3WS Datasheet HTML 4Page - YAGEO Corporation RSF3WS Datasheet HTML 5Page - YAGEO Corporation RSF3WS Datasheet HTML 6Page - YAGEO Corporation RSF3WS Datasheet HTML 7Page - YAGEO Corporation RSF3WS Datasheet HTML 8Page - YAGEO Corporation RSF3WS Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.yageo.com
Apr. 01, 2024 V.4
Metal Oxide Film Resistors
5
18
Product Specification
RSF
Through Hole Resistors
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
2.5 times RCWV for 5 sec.
(Not more than maximum overload
voltage)
±1%+0.05Ω for normal style
±2%+0.05Ω for miniature style
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient IEC 60115-1 4.8
Between -55°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>1,000MΩ
Solderability
IEC 60115-1 4.17
245±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of
Marking
IEC 60115-1 4.30
IPA for 5±0.5 Min. with ultrasonic
No deterioration of coatings
and markings
Robustness of
Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction
of the terminal leads
≥2.5Kg(24.5N)
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV 10,000 cycles (1 Sec.
on,25 Sec. off)
±2.0%+0.05Ω
Damp Heat Steady State IEC 60115-1 4.24
40±2°C,90-95% RH for 56 days,
loaded with 0.1 times RCWV
±5.0%+0.05Ω
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV(or Umax.,
whichever less) for 1,000 Hr.(1.5
Hr.on,0.5 Hr. off)
±5.0%+0.05Ω
Temperature Cycling
IEC 60115-1 4.19
-55°C  Room Temp. 
+155°C Room Temp.(5 cycles)
±1.0%+0.05Ω
Resistance to Soldering
Heat
IEC 60115-1 4.18
260±3°C for 10±1 Sec., immersed to
a point 3±0.5mm from the body
±1.0 %+0.05Ω
Accidental Overload
Test
IEC 60115-1 4.26
4 times RCWV for 1 Min.
No evidence of flaming
or arcing
Note:
RCWV (Rated Continuous Working Voltage):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com