Electronic Components Datasheet Search
  English  ▼

X  

DTP04-2P Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # DTP04-2P
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTP04-2P Datasheet(HTML) 3 Page - TE Connectivity Ltd

  DTP04-2P Datasheet HTML 1Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 2Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 3Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 4Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 5Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 6Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 7Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 8Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DT Series Technical Manual
Deutsch DTHD Series
Deutsch developed the DTHD Series for those applications
requiring a complete, environmentally sealed, single power circuit
termination. The plug features an integral coupling latch that
provides tactile and audible feedback during coupling. The rugged
thermoplastic receptacle is designed as an inline for cable to cable
applications and is supplied with an integral Vee-Groove to accept
mounting, clips, brackets and flanges.
Deutsch DT Bussed Series
3
Integral Connector Latch
Rugged Thermoplastic Housing
-55o C to +125o C Operating Temperature
Available Configurations:
DTM/DT 2, 3, 4, 6, 8 & 12 - Size 20/16
DTP 2 & 4 - Size 12
DTHD 1 - Size 4, 8 & 12
Silicone Seals:
DTM: Accepts AWG 22 - 16 wire
DT: Accepts AWG 20 - 14 wire
DTP: Accepts AWG 14 - 10 wire
DTHD: Accepts AWG 14 - 6 wire
Crimp Contacts with Option of Gold or Nickel
Finish, Solid or Stamped Construction
Current rating all contacts @ 1250 C no derating
DTM - 7.5 Amps
DT - 13 Amps
DTP - 25 Amps
DTHD - 25 to 100 Amps
Fail-Safe Secondary Locks All (Except DTHD)
Hand Insertable/Removable Contacts
Budget Minded
Tactile and Audible Assembly Feedback
Field Proven Long Service Life
Engine Compartment Rated
Meets Most Harness Design Requirements
Superior Environmental Seal
Seals on .053” to .120 dia.(1.35mm to 3.05mm)
Seals on .053” to .145 dia.(1.35mm to 3.68 mm)
Seals on .097” to .170 dia.(2.46mm to 4.32mm)
Seals on .134 to .292 dia. (3.40mm to 7.42mm)
Low Costs, High Reliability Terminals for Data &
Signal Transmission
Meets Most Signal Requirements
Positive Contact Retention
No Special Tools Required (Except DTHD)
Low Installation Costs
Features
Benefits
Deutsch DTP Series
Deutsch’s DTP Series connectors are the answer to all of
your most demanding power application requirements.
DTP Series connectors offer the proven reliability and
quality of Deutsch’s DT Series, combined with the added
flexibilty of using power contacts.
Utilizing the Deutsch DT receptacle shell, Deutsch has
combined the rugged characteristics of the DT product
line with a bussing device allowing the elimination of
various harness splices. By using internal stamped bussed
contacts this product can be configured in whatever
arrangement meets your individual needs in the DT shell
size that matches your requirements. Complete bussing
flexibility in a compact, economical package.
A STEP AHEAD
DT Series Manual #50907.indd 3
7/31/2008 5:14:34 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com