Electronic Components Datasheet Search
  English  ▼

X  

DTP04-2P Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # DTP04-2P
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTP04-2P Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button DTP04-2P Datasheet HTML 8Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 9Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 10Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 11Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 12Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 13Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 14Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 15Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DT Series Technical Manual
Accesso-
Accessories
To meet the application requirements where wires are to be protected, the DT Series may be supplied with boot adaptors. These
will accept shaped boots / sleeves or shrink tubing. Parts for standard or thin wall wire are available.
Shrink Boot Adaptor Modification Numbers
Part Number - Plugs
Part Number - Receptacles
PART NO.
NORMAL WIRE SEALS (N)
12
8
4
WIRE RANGE AWG
SIZE
114010
114008
114009
12-14
8-10
6
PART NO.
EXTRA THIN WALL WIRE SEALS (E)
12
8
4
WIRE RANGE AWG
SIZE
0411-337-1205
0411-353-0805
114009
12-14
8-10
6
CONTACT SIZE
SEALING PLUG
PART NO.
20
16 -12
8
4
0413-204-2005
114017
114018
114019
DTHD Removal Tools
Sealing Plugs
2
3
4
6
8
12
DT06-2S
DT06-3S
DT06-4S
DT06-6S
DT06-8SA
DT06-12SA
-E008
-E008
-E008
-E008
-E008
-E008
-CE04
-CE04
-CE04
-CE04
-CE04
-CE04
-EP11
-EP11
-EP11
-EP11
-EP11
-EP11
-CE13
-CE13
-CE13
-CE13
-CD13
-CD13
Number
of
Ways
Black
Grey
Basic
Part Number
Std.
Thin
Wall
Std.
Number
of
Ways
Black
Grey
Basic
Part Number
Std.
Thin
Wall
Std.
2
3
4
6
8
12
DT04-2P
DT04-3P
DT04-4P
DT06-6P
DT04-8PA
DT04-12PA
-E008
-E008
-E008
-E008
-E008
-E008
-CE04
-CE04
-CE04
-CE04
-CE04
-CE04
-EE11
-EE11
-EE11
-EE11
-EE11
-EE11
-CE09
-CE09
-CE09
-CE09
-CE09
-CE09
Wire Sealing Range: Standard - 2.24mm - 3.68mm wire insulation diameter Thin wall - 1.35mm - 3.05mm wire
insulation diameter
Thin
Wall
Thin
Wall
12
A STEP AHEAD
DT Series Manual #50907.indd 12
7/31/2008 5:14:37 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com