Electronic Components Datasheet Search
  English  ▼

X  

CC0201MP6 Datasheet(PDF) 15 Page - YAGEO Corporation

Part # CC0201MP6
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201MP6 Datasheet(HTML) 15 Page - YAGEO Corporation

Back Button CC0201MP6 Datasheet HTML 11Page - YAGEO Corporation CC0201MP6 Datasheet HTML 12Page - YAGEO Corporation CC0201MP6 Datasheet HTML 13Page - YAGEO Corporation CC0201MP6 Datasheet HTML 14Page - YAGEO Corporation CC0201MP6 Datasheet HTML 15Page - YAGEO Corporation CC0201MP6 Datasheet HTML 16Page - YAGEO Corporation CC0201MP6 Datasheet HTML 17Page - YAGEO Corporation CC0201MP6 Datasheet HTML 18Page - YAGEO Corporation CC0201MP6 Datasheet HTML 19Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
15
20
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Characteristic
4.6
Capacitance shall be measured by the steps shown in the
following table.
The capacitance change should be measured after 5 min at
each specified temperature stage.
Step
Temperature(°C)
a
25± 2
b
Lower temperature± 3°C
c
25± 2
d
Upper Temperature± 2°C
e
25± 2
(1) Class I
Temperature Coefficient shall be calculated from the
formula as below
Temp, Coefficient =
6
10
T
x
C1
C1
-
C2
Δ
[ppm/°C]
C1: Capacitance at step c
C2: Capacitance at 125°C
∆T: 100°C (=125°C -25°C)
(2) Class II
Capacitance Change shall be calculated from the formula
as below
∆C =
C1
C1
-
C2
x 100%
C1: Capacitance at step c
C2: Capacitance at step b or d
<General purpose series>
Class1:
∆ C/C: ± 30ppm
Class2:
X7R: ∆ C/C: ±15%
Y5V: ∆ C/C: 22~-82%
<High Capacitance series>
Class2:
X7R/X5R: ∆ C/C: ±15%
Y5V: ∆ C/C: 22~-82%
Adhesion
4.7
A force applied for 10 seconds to the line joining the
terminations and in a plane parallel to the substrate
Force
size ≥ 0603: 5N
size = 0402: 2.5N
size = 0201: 1N
Bending
Strength
IEC 60384-
21/22
4.8
Mounting in accordance with IEC 60384-22 paragraph 4.3
No visible damage
Conditions: bending 1 mm at a rate of 1 mm/s, radius jig
5 mm
Test Substrate:
Unit: mm
∆C/C
Class2:
<General purpose series>
X5R: ± 10%
<High Capacitance series>
X5R: ± 12.5%
Dimension(mm)
Type
a
b
c
0201
0.3
0.9
0.3
0402
0.4
1.5
0.5
0603
1.0
3.0
1.2
0805
1.2
4.0
1.65
1206
2.2
5.0
1.65
1210
2.2
5.0
2.0
100
40
b
C
a
4.5
YNSC147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com