Electronic Components Datasheet Search
  English  ▼

X  

CC0201MP6 Datasheet(PDF) 19 Page - YAGEO Corporation

Part # CC0201MP6
Description  Surface Mount Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201MP6 Datasheet(HTML) 19 Page - YAGEO Corporation

Back Button CC0201MP6 Datasheet HTML 13Page - YAGEO Corporation CC0201MP6 Datasheet HTML 14Page - YAGEO Corporation CC0201MP6 Datasheet HTML 15Page - YAGEO Corporation CC0201MP6 Datasheet HTML 16Page - YAGEO Corporation CC0201MP6 Datasheet HTML 17Page - YAGEO Corporation CC0201MP6 Datasheet HTML 18Page - YAGEO Corporation CC0201MP6 Datasheet HTML 19Page - YAGEO Corporation CC0201MP6 Datasheet HTML 20Page - YAGEO Corporation CC0201MP6 Datasheet HTML 21Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.yageo.com
Dec. 06, 2022 V.30
General Purpose & High Cap. X5R 4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
19
20
Product specification
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION DESCRIPTION
Version 30
Dec. 06, 2022 -
- 0201/560nF to 1uF/ 6.3V I.R. updated
Version 29
Sep. 23, 2022
-
-1206/4.7uF/6.3V to 10V I.R. updated
Version 28
Sep. 19, 2022
-
- D.F. and I.R. spec updated.
Version 27
Sep. 17, 2021
-
- Modify 0402 L4 spec
Version 26
Mar. 26, 2020
-
- Capacitance range updated for 0201/0805/1206, 0201 D.F spec update,
1210 dimension update
Version 25
Jun. 2, 2017
-
- I.R spec updated
Version 24
Mar. 6, 2017
-
- 0805 L4 spec updated
Version 23
Nov. 15, 2016 -
- Dimension updated
Version 22
Oct. 3, 2016
-
- Dimension and Soldering recommendation updated
Version 21
Jan. 28, 2016
-
- Tests and requirements updated
Version 20
Dec. 04, 2015 -
- Size updated
Version 19
Apr. 09, 2015
-
- Voltage updated
Version 18
Jul. 07, 2014
-
- Voltage updated
Version 17
Mar. 31, 2014
-
- Test condition updated
Version 16
Nov. 29, 2012 -
- Test condition updated
Version 15
Sep. 03, 2012
-
- Test condition updated
Version 14
May 16, 2012
-
- Product range updated
Version 13
May 02, 2012
-
- Product range updated
Version 12
Feb 10, 2012
-
- Product range updated
Version 11
Oct 21, 2011
-
- Product range updated
Version 10
Jun 21, 2011
-
- Product range updated
Version 9
Mar 23, 2011
-
- Product range updated
Version 8
Jan 25, 2011
-
- Rated voltage of 0201 extend to 50V
Version 7
Jan 05, 2011
-
- Product range updated
Version 6
Jul 27, 2010
-
- Dimension on 0603 and 1206 case size updated
Version 5
Apr 21, 2010
-
- The statement of "Halogen free" on the cover added
- Dimension updated
Version 4
Jan 13, 2010
-
- Thickness updated
Version 3
Aug 17, 2009
-
- Dimension updated
Version 2
Jun 09, 2009
-
- Ordering code updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com