Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6750 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCPL-6750
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-6750 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCPL-6750 Datasheet HTML 1Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 2Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 3Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 4Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 5Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 6Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 7Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 8Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Broadcom
- 1 -
Description
These units are single, dual, and quad channel, hermetically
sealed optocouplers. The products are capable of operation
and storage over the full military temperature range and can
be purchased as either commercial product or with full
MIL-PRF-38534 Class Level H or K testing or from the
appropriate DLA Standard Microcircuit Drawing (SMD). All
devices are manufactured and tested on a MIL-PRF-38534
certified line, and Class H and K devices are included in the DLA
Qualified Manufacturers List QML-38534 for Hybrid
Microcircuits.
Each channel contains a GaAsP light emitting diode that is
optically coupled to an integrated high gain photon detector.
The high gain output stage features an open collector output,
providing both lower saturation voltage and higher signaling
speed than possible with conventional photo-Darlington
optocouplers. The shallow depth and small junctions offered
by the IC process provides better radiation immunity than
conventional photo transistor optocouplers.
The supply voltage can be operated as low as 2.0V without
adversely affecting the parametric performance.
These devices have a 300% minimum CTR at an input current
of only 0.5 mA making them ideal for use in low input current
applications such as MOS, CMOS, low power logic interfaces or
line receivers. Compatibility with high-voltage CMOS logic
systems is assured by specifying ICCH and IOH at 18 Volts.
CAUTION
It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
1.
See Selection Guide–Package Styles and Lead Configuration
Options for available extensions.
Features
Dual marked with device part number and DLA Standard
Microcircuit Drawing (SMD)
Manufactured and tested on a MIL-PRF-38534 Certified
Line
QML-38534, Class H and K
Five hermetically sealed package configurations
Performance guaranteed over full military temperature
range: –55°C to +125°C
Low input current requirement: 0.5 mA
High current transfer ratio: 1500% typical at IF = 0.5 mA
Low output saturation voltage: 0.11V typical
1500 Vdc withstand test voltage
High radiation immunity
6N138/9, HCPL-2730/31 function compatibility
Reliability data
Applications
Military and aerospace
High reliability systems
Microprocessor system interface
Transportation, medical, and life critical systems
Isolated input line receiver
EIA RS-232-C line receiver
Voltage level shifting
Isolated input line receiver
Isolated output line driver
Logic ground isolation
Harsh industrial environments
Current loop receiver
System test equipment isolation
Process control input/output isolation
6N140A, HCPL-675x, 83024, HCPL-570x,
HCPL-177K, 5962-89810, HCPL-573x,
HCPL-673x, 5962-89785, 5962-98002 1
Hermetically Sealed, Low IF, Wide VCC, High Gain
Optocouplers
Data Sheet


Similar Part No. - HCPL-6750

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-6750 HP-HCPL-6750 Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6750 AVAGO-HCPL-6750 Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - HCPL-6750

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com