Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6750 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HCPL-6750
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-6750 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HCPL-6750 Datasheet HTML 1Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 2Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 3Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 4Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 5Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 6Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 7Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 8Page - Broadcom Corporation. HCPL-6750 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Broadcom
- 2 -
6N140A, HCPL-675x, 83024, HCPL-570x, HCPL-177K, 5962-89810, HCPL-573x, HCPL-673x,
5962-89785, 5962-98002
Data Sheet
Functional Diagram
Functional Diagram
Multiple channel devices available.
Truth Table
(Positive Logic)
NOTE
The connection of a 0.1-μF bypass capacitor
between VCC and GND is recommended.
Package styles for these parts are 8-pin and 16-pin DIP through
hole (case outlines P and E respectively), 16-pin DIP flat pack
(case outline F), and leadless ceramic chip carrier (case outline
2). Devices may be purchased with a variety of lead bend and
plating options. See Selection Guide–Package Styles and Lead
Configuration Options for details. Standard Military Drawing
(SMD) parts are available for each package and lead style.
Because the same electrical die (emitters and detectors) are
used for each channel of each device listed in this data sheet,
absolute maximum ratings, recommended operating
conditions, electrical specifications, and performance
characteristics shown in the figures are similar for all parts
except as noted. Additionally, the same package assembly
processes and materials are used in all devices. These
similarities justify the use of a common data base for die
related reliability and certain limited radiation test results.
Input
Output
On (H)
L
Off (L)
H
7
5
6
8
2
3
4
1
Selection Guide–Package Styles and Lead Configuration Options
Package
16-pin DIP
8-pin DIP
8-pin DIP
16-pin Flat Pack
20-Pad LCCC
Lead Style
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
4
1
2
4
2
Common Channel Wiring
VCC, GND
None
VCC, GND
VCC, GND
None
Part Number and Options
Commercial
6N140A
HCPL-5700
HCPL-5730
HCPL-6750
HCPL-6730
MIL-PRF-38534 Class H
6N140A/883B
HCPL-5701
HCPL-5731
HCPL-6751
HCPL-6731
MIL-PRF-38534 Class K
HCPL-177K
HCPL-570K
HCPL-573K
HCPL-675K
HCPL-673K
Standard Lead Finish
Gold Platea
Gold Platea
Gold Platea
Gold Platea
Solder Padsb
Solder Dippedb
Option #200
Option #200
Option #200
Butt Cut/Gold Platea
Option #100
Option #100
Option #100
Gull Wing/Solderedb
Option #300
Option #300
Option #300
Crew Cut/Gold Platea
Option #600
Option #600
Option #600
Class H SMD Part Number
Prescript for all below
None
5962-
5962-
None
5962-
Gold Platea
8302401EC
8981001PC
8978501PC
8302401FC
Solder Dippedb
8302401EA
8981001PA
8978501PA
89785022A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com