Electronic Components Datasheet Search
  English  ▼

X  

BB01B Datasheet(PDF) 1 Page - BitScope Designs

Part # BB01B
Description  BitScope Blade Uno
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITSCOPE [BitScope Designs]
Direct Link  https://www.bitscope.com/
Logo BITSCOPE - BitScope Designs

BB01B Datasheet(HTML) 1 Page - BitScope Designs

  BB01B Datasheet HTML 1Page - BitScope Designs BB01B Datasheet HTML 2Page - BitScope Designs  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BB01B | BitScope Blade Uno | Specification
Specification
Note
Value
Compatible Raspberry Pi
[1]
Raspberry Pi 3, 2, B+, A+
Supports Raspberry Pi Display
[2]
Yes
Raspberry Pi per Unit
1
USB + Network Ports per Unit
[3]
4 + 1 or 1 + 0
HAT Devices per Unit
1
HUB Cards per Unit
1
CAP Devices per Unit
[4]
2
Camera Connector Slot
[5]
Yes x 1
HDMI & sound outputs
[6]
Yes x 1
Primary Power
[7]
5V via J8
Auxilliary Power
[8]
1 x 5V
USB Power Ports
[9]
2
Indicator LEDs
[10]
None
Device power-down control
[11]
Yes
Processor reset/interrupt
[12]
No
SPI, I2C, Serial & GPIO
[13]
Yes
Raspberry Pi Mounts
M2.5
Blade Mounts
M3
Blade power tabs
[14]
Yes
Wall mounting stand-offs
[15]
Yes
19" Rack Compatible
[16]
5RU
Power Budget
[17]
4A (peak) 3A (continuous)
UPS Compatible
[18]
Yes
DC 2.1mm, PoE Compatible
[19]
Yes
Power Requirement
9V (4A) ~ 48 V (500mA)
Operating Temperature
0 °C to 70 °C
Storage Requirements
-40 °C ~ +40 °C, 5 % ~ 95 % RH
Dimensions (W x D x H)
73 x 160 x 21 mm
Weight
77 g
bitscope.com / product / BB01
GE09C 13 EL04C 05 B


Similar Part No. - BB01B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
BB05 AMPHENOL-BB05 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
TriQuint Semiconductor
BB0502X7R104M16VNT9820 TRIQUINT-BB0502X7R104M16VNT9820 Datasheet
920Kb / 13P
9.9-11.2Gb/s Optical Modulator Driver
logo
Amphenol Corporation
BB07 AMPHENOL-BB07 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
YAMAHA CORPORATION
BB070700 YAMAHA-BB070700 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
BB071360 YAMAHA-BB071360 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
More results

Similar Description - BB01B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-FPM21 ADVANTECH-UNO-FPM21 Datasheet
83Kb / 1P
UNO & FPM integration kit
UNO-HD20 ADVANTECH-UNO-HD20 Datasheet
238Kb / 2P
UNO-2000/ADAM Integration Kit
UNO-PCM21 ADVANTECH-UNO-PCM21 Datasheet
83Kb / 1P
UNO & FPM integration kit
UNO-PCM22 ADVANTECH-UNO-PCM22 Datasheet
83Kb / 1P
UNO & FPM integration kit
UNO-3000 ADVANTECH-UNO-3000 Datasheet
194Kb / 1P
UNO-3000 Series Accessories
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
PHOENIX CONTACT
2902993 PHOENIX-2902993 Datasheet
465Kb / 19P
UNO-PS/1AC/24DC/100W
logo
Advantech Co., Ltd.
UNO-1000 ADVANTECH-UNO-1000 Datasheet
1Mb / 2P
UNO-1000 Series Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com