Electronic Components Datasheet Search
  English  ▼

X  

BB01B Datasheet(PDF) 2 Page - BitScope Designs

Part # BB01B
Description  BitScope Blade Uno
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITSCOPE [BitScope Designs]
Direct Link  https://www.bitscope.com/
Logo BITSCOPE - BitScope Designs

BB01B Datasheet(HTML) 2 Page - BitScope Designs

  BB01B Datasheet HTML 1Page - BitScope Designs BB01B Datasheet HTML 2Page - BitScope Designs  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BB01B | BitScope Blade Uno | Notes
[1]
Any Raspberry Pi that conforms to the HAT specification is compatible.
[2]
Provides power and optional wall mounting capability.
[3]
Refers to the number of USB and Network ports (provided by connected Raspberry Pi)
[4]
Number of BitScope CAP (USB connected) per Blade (depending on power requirements)
[5]
Camera slots to enable the connection of visible or IR cameras.
[6]
HDMI and Audio ports on the Raspberry Pi in Slot 1 are accessible for connection.
[7]
Primary power for connected Raspberry Pi and HAT devices.
[8]
Auxilliary power for devices connected via 3-pin power headers (e.g. Raspberry Pi Display)
[9]
Additional USB (power only) ports for connected peripherals (e.g. Raspberry Pi Display)
[10]
LEDs to indicate BAY reset and interrupt inputs.
[11]
Each slot may be individually powered up/down via this header (normally powered up).
[12]
The device in each slot may be individually reset or interrupted via this header.
[13]
Access to each Raspberry Pi GPIO, SPI, I2C and Serial signals.
[14]
The blade may be powered via the mounting tabs, eliminates power wiring when rack mounted.
[15]
Blades supplied with wall mounting stand-offs with adhesive feet.
[16]
Blades can be rack mounted to create cluster computing solutions with optional metalwork.
[17]
Peak and continous current available at 5V across all slots and connected peripheral devices.
[18]
Blocking diode enables use with UPS and battery backup power solutions.
[19]
DC 2.1mm power socket compatible with low cost passive PoE solutions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com