Electronic Components Datasheet Search
  English  ▼

X  

SN54HC595 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54HC595
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC595 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC595 Datasheet HTML 3Page - Texas Instruments SN54HC595 Datasheet HTML 4Page - Texas Instruments SN54HC595 Datasheet HTML 5Page - Texas Instruments SN54HC595 Datasheet HTML 6Page - Texas Instruments SN54HC595 Datasheet HTML 7Page - Texas Instruments SN54HC595 Datasheet HTML 8Page - Texas Instruments SN54HC595 Datasheet HTML 9Page - Texas Instruments SN54HC595 Datasheet HTML 10Page - Texas Instruments SN54HC595 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN74HC595-EP
www.ti.com
SCLS719 – FEBRUARY 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted)
TA = 25°C
TA = –55°C to 125°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
2 V
6
26
4.2
fmax
4.5 V
31
38
21
MHz
6 V
36
42
25
2 V
50
160
240
SRCLK
QH′
4.5 V
17
32
48
6 V
14
27
41
tpd
ns
2 V
50
150
225
RCLK
QA−QH
4.5 V
17
30
45
6 V
14
26
38
2 V
51
175
261
tPHL
SRCLR
QH′
4.5 V
18
35
52
ns
6 V
15
30
44
2 V
40
150
255
ten
OE
QA−QH
4.5 V
15
30
45
ns
6 V
13
26
38
2 V
42
200
300
tdis
OE
QA−QH
4.5 V
23
40
60
ns
6 V
20
34
51
2 V
28
60
90
QA−QH
4.5 V
8
12
18
6 V
6
10
15
tt
ns
2 V
28
75
110
QH′
4.5 V
8
15
22
6 V
6
13
19
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted)
TA = 25°C
TA = –55°C to 125°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
2 V
60
200
300
tpd
RCLK
QA−QH
4.5 V
22
40
60
ns
6 V
19
34
51
2 V
70
200
298
ten
OE
QA−QH
4.5 V
23
40
60
ns
6 V
19
34
51
2 V
45
210
315
tt
QA−QH
4.5 V
17
42
63
ns
6 V
13
36
53
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
400
pF
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74HC595-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com