Electronic Components Datasheet Search
  English  ▼

X  

SN54HC595 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC595
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC595 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC595 Datasheet HTML 1Page - Texas Instruments SN54HC595 Datasheet HTML 2Page - Texas Instruments SN54HC595 Datasheet HTML 3Page - Texas Instruments SN54HC595 Datasheet HTML 4Page - Texas Instruments SN54HC595 Datasheet HTML 5Page - Texas Instruments SN54HC595 Datasheet HTML 6Page - Texas Instruments SN54HC595 Datasheet HTML 7Page - Texas Instruments SN54HC595 Datasheet HTML 8Page - Texas Instruments SN54HC595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
C
D
E
F
G
H
Q
Q
Q
Q
Q
Q
Q
GND
VCC
Q
SER
A
OE
RCLK
SRCLK
SRCLR
QH′
SN74HC595-EP
www.ti.com
SCLS719 – FEBRUARY 2010
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Check for Samples: SN74HC595-EP
1
FEATURES
•
8-Bit Serial-In, Parallel-Out Shift
•
Wide Operating Voltage Range of 2 V to 6 V
•
High-Current 3-State Outputs Can Drive Up To
15 LSTTL Loads
•
Low Power Consumption: 80-mA (Max) ICC
•
tpd = 13 ns (Typ)
•
±6-mA Output Drive at 5 V
•
Low Input Current: 1 mA (Max)
•
Shift Register Has Direct Clear
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Controlled Baseline
•
One Assembly/Test Site
•
One Fabrication Site
•
Available in Military (–55°C/125°C)
Temperature Range(1)
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The SN74HC595 contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register.
The storage register has parallel 3-state outputs. Separate clocks are provided for both the shift and storage
register. The shift register has a direct overriding clear (SRCLR) input, serial (SER) input, and serial outputs for
cascading. When the output-enable (OE) input is high, the outputs are in the high-impedance state.
Both the shift register clock (SRCLK) and storage register clock (RCLK) are positive-edge triggered. If both
clocks are connected together, the shift register always is one clock pulse ahead of the storage register.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN54HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
641Kb / 20P
8BIT SHIFT REGISTERS WITH 3 STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595-SP TI1-SN54HC595-SP Datasheet
1Mb / 36P
8-Bit Shift Registers With 3-State Output Registers
SN54HC595FK TI-SN54HC595FK Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN54HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com