Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC74
Description  DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC74 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC74 Datasheet HTML 1Page - Texas Instruments SN54HC74 Datasheet HTML 2Page - Texas Instruments SN54HC74 Datasheet HTML 3Page - Texas Instruments SN54HC74 Datasheet HTML 4Page - Texas Instruments SN54HC74 Datasheet HTML 5Page - Texas Instruments SN54HC74 Datasheet HTML 6Page - Texas Instruments SN54HC74 Datasheet HTML 7Page - Texas Instruments SN54HC74 Datasheet HTML 8Page - Texas Instruments SN54HC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74HC74-EP
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP
WITH CLEAR AND PRESET
SCLS710 – MARCH 2008
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
MIN
TYP
MAX
2 V
1.9
1.998
1.9
IOH = –20 µA
4.5 V
4.4
4.499
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.999
5.9
V
IOH = –4 mA
4.5 V
3.98
4.3
3.7
IOH = –5.2 mA
6 V
5.48
5.8
5.2
2 V
0.002
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.001
0.1
0.1
V
IOL = 4 mA
4.5 V
0.17
0.26
0.4
IOL = 5.2 mA
6 V
0.15
0.26
0.4
II
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
4
80
µA
Ci
2 V to 6 V
3
10
10
pF
TA = 25°C
VCC
MIN
MAX
UNIT
MIN
MAX
2 V
6
4.2
fclock
Clock frequency
4.5 V
31
21
MHz
6 V
0
36
0
25
2 V
100
150
PRE or CLR low
4.5 V
20
30
6 V
17
25
tw
Pulse duration
ns
2 V
80
120
CLK high or low
4.5 V
16
24
6 V
14
20
2 V
100
150
Data
4.5 V
20
30
6 V
17
25
tsu
Setup time before CLK
↑
ns
2 V
25
40
PRE or CLR inactive
4.5 V
5
8
6 V
4
7
2 V
0
0
th
Hold time, data after CLK
↑
4.5 V
0
0
ns
6 V
0
0
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74HC74-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com