Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC74
Description  DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC74 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC74 Datasheet HTML 1Page - Texas Instruments SN54HC74 Datasheet HTML 2Page - Texas Instruments SN54HC74 Datasheet HTML 3Page - Texas Instruments SN54HC74 Datasheet HTML 4Page - Texas Instruments SN54HC74 Datasheet HTML 5Page - Texas Instruments SN54HC74 Datasheet HTML 6Page - Texas Instruments SN54HC74 Datasheet HTML 7Page - Texas Instruments SN54HC74 Datasheet HTML 8Page - Texas Instruments SN54HC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74HC74-EP
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP
WITH CLEAR AND PRESET
SCLS710 – MARCH 2008
www.ti.com
• Controlled Baseline
• Wide Operating Voltage Range of 2 V to 6 V
–
One Assembly Site
• Outputs Can Drive up to 10 LSTTL Loads
–
One Test Site
• Low Power Consumption, 80 µA Max I
CC
–
One Fabrication Site
• Typical t
pd = 15 ns
• Extended Temperature Performance of –55°C
• ±4 mA Output Drive at 5 V
to 125
°C
• Low Input Current of 1 mA Max
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The SN74HC74 device contains two independent D-type positive edge triggered flip-flops. A low level at the
preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When
PRE and CLR are inactive (high), data at the data (D) input meeting the setup time requirements are transferred
to the outputs on the positive going edge of the clock (CLK) pulse. Clock triggering occurs at a voltage level and
is not directly related to the rise time of CLK. Following the hold time interval, data at the D input can be changed
without affecting the levels at the outputs.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ODERABLE PART NUMBER
TOP-SIDE MARKING
SOIC – D
Reel of 2500
SN74HC74MDREP
HC74MEP
–55
°C to 125°C
TSSOP – PW
Reel of 2000
SN74HC74MPWREP
HC74MEP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
INPUTS
OUTPUTS
PRE
CLR
CLK
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H(1)
H(1)
H
H
↑
H
H
L
H
H
↑
L
L
H
H
H
L
X
Q0
Q 0
(1)
This configuration is nonstable;
that is, it does not persist when
PRE or CLR returns to its inactive
(high) level.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN54HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
733Kb / 20P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI1-SN54HC74 Datasheet
164Kb / 15P
Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54HC74 TI1-SN54HC74 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN54HC74 TI2-SN54HC74 Datasheet
670Kb / 25P
SN74HC74-Q1 Automotive Qualified Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
REVISED APRIL 2020
More results

Similar Description - SN54HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com