Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54HC74
Description  SN74HC74-Q1 Automotive Qualified Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC74 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54HC74 Datasheet HTML 2Page - Texas Instruments SN54HC74 Datasheet HTML 3Page - Texas Instruments SN54HC74 Datasheet HTML 4Page - Texas Instruments SN54HC74 Datasheet HTML 5Page - Texas Instruments SN54HC74 Datasheet HTML 6Page - Texas Instruments SN54HC74 Datasheet HTML 7Page - Texas Instruments SN54HC74 Datasheet HTML 8Page - Texas Instruments SN54HC74 Datasheet HTML 9Page - Texas Instruments SN54HC74 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IOL Output Low Current (mA)
0
0.0009
0.0018
0.0027
0.0036
0.0045
0.0054
0
0.015
0.03
0.045
0.06
0.075
0.09
0.105
0.12
0.135
0.15
D001
2 V
4.5 V
6 V
IOH Output High Current (mA)
0
0.001
0.002
0.003
0.004
0.005
0.006
0
1
2
3
4
5
6
7
D002
2 V
4.5 V
6 V
6
SN74HC74-Q1
SCLS577B – MARCH 2004 – REVISED APRIL 2020
www.ti.com
Product Folder Links: SN74HC74-Q1
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
fmax
Max switching frequency
2 V
6
10
4.2
MHz
4.5 V
31
50
21
6 V
36
60
25
tpd
Propagation delay
PRE or
CLR
Q or Q
2 V
70
230
345
ns
4.5 V
20
46
69
6 V
15
39
59
CLK
Q or Q
70
175
250
20
35
50
15
30
42
tt
Transition-time
Q or Q
2 V
28
75
110
ns
4.5 V
8
15
22
6 V
6
13
19
6.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cpd
Power dissipation capacitance per gate
No load
35
pF
6.9 Typical Characteristics
TA = 25°C
Figure 1. Output voltage versus output current in low state
Figure 2. Output voltage versus output current in high state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com