Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 8Page - Texas Instruments TPS73601DBVT Datasheet HTML 9Page - Texas Instruments TPS73601DBVT Datasheet HTML 10Page - Texas Instruments TPS73601DBVT Datasheet HTML 11Page - Texas Instruments TPS73601DBVT Datasheet HTML 12Page - Texas Instruments TPS73601DBVT Datasheet HTML 13Page - Texas Instruments TPS73601DBVT Datasheet HTML 14Page - Texas Instruments TPS73601DBVT Datasheet HTML 15Page - Texas Instruments TPS73601DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
Shutdown
V
N(mVRMS)
+ 8.5
mVRMS
V
V
OUT(V)
(3)
Dropout Voltage
Board Layout Recommendation to Improve
Internal Current Limit
Transient Response
TPS736xx
SBVS038Q – SEPTEMBER 2003 – REVISED AUGUST 2007
An internal 27k
Ω resistor in series with the noise
reduction pin (NR) forms a low-pass filter for the
The Enable pin is active high and is compatible with
voltage reference when an external noise reduction
standard TTL-CMOS levels. VEN below 0.5V (max)
capacitor, CNR, is connected from NR to ground. For
turns the regulator off and drops the ground pin
CNR = 10nF, the total noise in the 10Hz to 100kHz
current to approximately 10nA. When shutdown
bandwidth is reduced by a factor of ~3.2, giving the
capability is not required, the Enable pin can be
approximate relationship:
connected to VIN. When a pull-up resistor is used,
and operation down to 1.8V is required, use pull-up
resistor values below 50k
Ω. To ensure all charge is
removed from the gate of the pass element, the
for CNR = 10nF.
Enable pin must be driven low before the input
voltage is removed. If the Enable pin is not driven
This noise reduction effect is shown as RMS Noise
low, the pass element may be left on because of
Voltage vs CNR in the Typical Characteristics section.
stored charge on the gate.
The TPS73601 adjustable version does not have the
noise-reduction pin available. However, connecting a
feedback capacitor, CFB, from the output to the FB pin
The TPS736xx uses an NMOS pass transistor to
reduces output noise and improves load transient
achieve extremely low dropout. When (VIN – VOUT) is
performance.
less than the dropout voltage (VDO), the NMOS pass
The TPS736xx uses an internal charge pump to
device is in its linear region of operation and the
develop an internal supply voltage sufficient to drive
input-to-output resistance is the RDS-ON of the NMOS
the gate of the NMOS pass element above VOUT. The
pass element.
charge pump generates ~250
μV of switching noise at
For large step changes in load current, the TPS736xx
~4MHz; however, charge-pump noise contribution is
requires a larger voltage drop from VIN to VOUT to
negligible at the output of the regulator for most
avoid degraded transient response. The boundary of
values of IOUT and COUT.
this transient dropout region is approximately twice
the dc dropout. Values of VIN – VOUT above this line
ensure normal transient response.
PSRR and Noise Performance
Operating in the transient dropout region can cause
To improve ac performance such as PSRR, output
an increase in recovery time. The time required to
noise, and transient response, it is recommended that
recover from a load transient is a function of the
the board be designed with separate ground planes
magnitude of the change in load current rate, the rate
for VIN and VOUT, with each ground plane connected
of
change
in
load
current,
and
the
available
only at the GND pin of the device. In addition, the
headroom
(VIN to VOUT voltage drop). Under
ground connection for the bypass capacitor should
worst-case conditions [full-scale instantaneous load
connect directly to the GND pin of the device.
change with (VIN – VOUT) close to dc dropout levels],
the TPS736xx can
take
a
couple
of
hundred
microseconds to return to the specified regulation
accuracy.
The TPS736xx internal current limit helps protect the
regulator during fault conditions. Foldback current
limit helps to protect the regulator from damage
during output short-circuit conditions by reducing
The low open-loop output impedance provided by the
current limit when VOUT drops below 0.5V. See
NMOS
pass
element
in
a
voltage
follower
Figure 12 in the Typical Characteristics section.
configuration allows operation without an output
capacitor
for
many
applications.
As
with
any
regulator, the addition of a capacitor (nominal value
1
μF) from the output pin to ground will reduce
undershoot magnitude but increase its duration. In
the adjustable version, the addition of a capacitor,
CFB, from the output to the adjust pin will also
improve the transient response.
12
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS736xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com