Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 15Page - Texas Instruments TPS73601DBVT Datasheet HTML 16Page - Texas Instruments TPS73601DBVT Datasheet HTML 17Page - Texas Instruments TPS73601DBVT Datasheet HTML 18Page - Texas Instruments TPS73601DBVT Datasheet HTML 19Page - Texas Instruments TPS73601DBVT Datasheet HTML 20Page - Texas Instruments TPS73601DBVT Datasheet HTML 21Page - Texas Instruments TPS73601DBVT Datasheet HTML 22Page - Texas Instruments TPS73601DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS73618DBVT
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73618DCQR
DCQ
6
SITE 35
330
12
6.8
7.3
1.88
8
12
Q3
TPS73625DBVR
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73625DBVT
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73625DCQR
DCQ
6
SITE 35
330
12
6.8
7.3
1.88
8
12
Q3
TPS73630DBVR
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73630DBVT
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73630DCQR
DCQ
6
SITE 35
330
12
6.8
7.3
1.88
8
12
Q3
TPS73632DBVR
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73632DBVT
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73633DBVR
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73633DBVT
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73633DCQR
DCQ
6
SITE 35
330
12
6.8
7.3
1.88
8
12
Q3
TPS73633DRBR
DRB
8
SITE 48
330
12
3.3
3.3
1.0
8
12
Q2
TPS73633DRBR
DRB
8
SITE 41
330
12
3.3
3.3
1.1
8
12
Q2
TPS73633DRBT
DRB
8
SITE 41
180
12
3.3
3.3
1.1
8
12
Q2
TPS73633DRBT
DRB
8
SITE 48
330
12
3.3
3.3
1.0
8
12
Q2
TPS73643DBVR
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
TPS73643DBVT
DBV
5
SITE 48
179
8
3.2
3.2
1.4
4
8
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Jan-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com