Electronic Components Datasheet Search
  English  ▼

X  

LVR Datasheet(PDF) 8 Page - Littelfuse

Part # LVR
Description  PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR Datasheet(HTML) 8 Page - Littelfuse

Back Button LVR Datasheet HTML 2Page - Littelfuse LVR Datasheet HTML 3Page - Littelfuse LVR Datasheet HTML 4Page - Littelfuse LVR Datasheet HTML 5Page - Littelfuse LVR Datasheet HTML 6Page - Littelfuse LVR Datasheet HTML 7Page - Littelfuse LVR Datasheet HTML 8Page - Littelfuse LVR Datasheet HTML 9Page - Littelfuse LVR Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PolySwitch® Resettable PPTCs
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/20/20
Line-Voltage-Rated Devices
Packaging and Marking Information
(Cont’d)
Part
Number
Bag
Quantity
Tape and Reel
Quantity
Ammo Pack
Quantity
Standard Package
Quantity
Part
Marking
Agency
Recognition
LVR
LVR125S-240
250
—
—
5,000
L125
UL, CSA, TÜV
LVR125S-240-2
—
1,000
—
5,000
L125
UL, CSA, TÜV
LVR125S-240-AP
—
—
1,000
5,000
L125
UL, CSA, TÜV
LVR200S-240
250
—
—
5,000
L200
UL, CSA, TÜV
LVR200S-240-2
—
1,000
—
5,000
L200
UL, CSA, TÜV
LVR200S-240-AP
—
—
1,000
5,000
L200
UL, CSA, TÜV
LVR075K-240
500
—
—
10,000
L075
UL, CSA, TÜV
LVR075K-240-2
—
1,000
—
5,000
L075
UL, CSA, TÜV
LVR075K-240-AP
—
—
1,000
5,000
L075
UL, CSA, TÜV
LVR100K-240
250
—
—
5,000
L100
UL, CSA, TÜV
LVR100K-240-2
—
1,000
—
5,000
L100
UL, CSA, TÜV
LVR100K-240-AP
—
—
1,000
5,000
L100
UL, CSA, TÜV
LVR125K-240
250
—
—
5,000
L125
UL, CSA, TÜV
LVR125K-240-2
—
1,000
—
5,000
L125
UL, CSA, TÜV
LVR125K-240-AP
—
—
1,000
5,000
L125
UL, CSA, TÜV
LVR200K-240
250
—
—
5,000
L200
UL, CSA, TÜV
LVR200K-240-2
—
1,000
—
5,000
L200
UL, CSA, TÜV
LVR200K-240-AP
—
—
1,000
5,000
L200
UL, CSA, TÜV
Part Ordering Number System
LVR 055 S - 2
Packaging
Blank = Packaged in Bags
-1
= 25.4mm (1.0 inch) Minimum Lead Length
-2
= Tape and Reel
-X.X = Special Lead Cut Length (inch)
Modifier
K
= Standard Kinked Lead
N
= New Version
S
= Straight Lead
Hold Current Indicator
Product Series
LVR = 240V Rated



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com