Electronic Components Datasheet Search
  English  ▼

X  

LVR Datasheet(PDF) 9 Page - Littelfuse

Part # LVR
Description  PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR Datasheet(HTML) 9 Page - Littelfuse

Back Button LVR Datasheet HTML 2Page - Littelfuse LVR Datasheet HTML 3Page - Littelfuse LVR Datasheet HTML 4Page - Littelfuse LVR Datasheet HTML 5Page - Littelfuse LVR Datasheet HTML 6Page - Littelfuse LVR Datasheet HTML 7Page - Littelfuse LVR Datasheet HTML 8Page - Littelfuse LVR Datasheet HTML 9Page - Littelfuse LVR Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PolySwitch® Resettable PPTCs
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/20/20
Line-Voltage-Rated Devices
Tape and Reel Specifications
LVR devices are available in tape and reel packaging per EIA468-B/IEC60286-2 standards.
See Figures 1 and 2 for details.
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier Tape Width
W
18
-0.5/+1.0
Hold-down Tape Width
W4
11
Minimum
Top Distance between Tape Edges
W6
3
Maximum
Sprocket Hole Position
W5
9
-0.5/+0.75
Sprocket Hole Diameter
D0
4
± 0.2
Abscissa to Plane (Straight Lead) (LVR005N to LVR200)
H
18.5
± 2.5
Abscissa to Plane (Kinked Lead) (LVR005N to LVR055)
H0
16.0
± 0.5
Abscissa to Top (LVR005N to LVR016)
H1
32.2
Maximum
Abscissa to Top* (LVR025 to LVR200)
H1
45.0
Maximum
Overall Width with Lead Protrusion (LVR005N to LVR016)
C1
43.2
Maximum
Overall Width with Lead Protrusion (LVR025 to LVR200)
C1
55
Maximum
Overall Width without Lead Protrusion (LVR005N to LVR016)
C2
42.5
Maximum
Overall Width without Lead Protrusion (LVR025 to LVR200)
C2
54
Maximum
Lead Protrusion
L1
1.0
Maximum
Protrusion of Cut-out
L
11
Maximum
Protrusion beyond Hold-down Tape
I2
Not Specified
—
Sprocket Hole Pitch
P0
12.7
± 0.3
Device Pitch (LVR005N to LVR040)
—
25.4
± 0.61
Device Pitch (LVR055 to LVR200)
—
25.4
± 0.6
Pitch Tolerance
—
20 Consecutive
± 1
Tape Thickness
T
0.9
Maximum
Overall Tape and Lead Thickness (LVR005N to LVR040)
T1
2.0
Maximum
Overall Tape and Lead Thickness (LVR055 to LVR200)
T1
2.3
Maximum
Splice Sprocket Hole Alignment
—
0
± 0.3
Body Lateral Deviation
h
0
± 1.0
Body Tape Plane Deviation
p
0
± 1.3
Ordinate to Adjacent Component Lead
P1
3.81
± 0.7
Lead Spacing*
F
10.15
± 0.75
Reel Width (LVR005N to LVR040)
W2
56.0
Maximum
Reel Width* (LVR055 to LVR200)
W2
63.5
Maximum
Reel Diameter
A
370.0
Maximum
Space between Flanges* (LVR005N to LVR040)
W1
48.0
Maximum
Space between Flanges* (LVR055 toLVR200)
W1
55.0
Maximum
Arbor Hold Diameter
C
26.0
± 12.0
Core Diameter*
N
91.0
Maximum
Box
—
64/372/362
Maximum
Consecutive Missing Places
—
None
—
Empty Places per Reel
—
0.1%
Maximum
*Differs from EIA specification.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com