Electronic Components Datasheet Search
  English  ▼

X  

LVR040 Datasheet(PDF) 3 Page - Littelfuse

Part # LVR040
Description  PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR040 Datasheet(HTML) 3 Page - Littelfuse

  LVR040 Datasheet HTML 1Page - Littelfuse LVR040 Datasheet HTML 2Page - Littelfuse LVR040 Datasheet HTML 3Page - Littelfuse LVR040 Datasheet HTML 4Page - Littelfuse LVR040 Datasheet HTML 5Page - Littelfuse LVR040 Datasheet HTML 6Page - Littelfuse LVR040 Datasheet HTML 7Page - Littelfuse LVR040 Datasheet HTML 8Page - Littelfuse LVR040 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PolySwitch® Resettable PPTCs
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/20/20
Line-Voltage-Rated Devices
Temperature Rerating
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
Hold Current (A)
LVR
LVR005N
—
0.08
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
LVR008N
—
0.12
0.10
0.08
0.08
0.07
0.06
0.05
0.04
0.03
LVR012
—
0.18
0.15
0.12
0.12
0.10
0.09
0.07
0.06
0.04
LVR016
—
0.24
0.20
0.16
0.16
0.13
0.11
0.10
0.08
0.05
LVR025
—
0.38
0.32
0.25
0.25
0.21
0.18
0.15
0.13
0.09
LVR033
—
0.50
0.42
0.33
0.33
0.27
0.23
0.20
0.17
0.11
LVR040
—
0.61
0.51
0.40
0.40
0.33
0.28
0.24
0.20
0.14
LVR055
—
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVR075-240
—
1.23
0.98
0.75
0.74
0.60
0.56
0.49
0.45
0.41
LVR100-240
—
1.65
1.30
1.00
0.94
0.80
0.75
0.65
0.60
0.55
LVR125-240
—
2.06
1.63
1.25
1.20
1.00
0.94
0.81
0.75
0.69
LVR150-240
—
2.48
1.95
1.50
1.46
1.20
1.13
0.97
0.90
0.83
LVR200-240
—
3.30
2.60
2.00
1.97
1.60
1.50
1.30
1.20
1.10
Temperature Derating Curve
LVR / LVB
A = LVR075-LVR200
C = LVR005N-LVR055
-40
-20
-10
-30
0106070
40
50
20
30
80
90
Ambient Temperature (˚C)
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
A
A
B
C
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com