Electronic Components Datasheet Search
  English  ▼

X  

LVR040 Datasheet(PDF) 1 Page - Littelfuse

Part # LVR040
Description  PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR040 Datasheet(HTML) 1 Page - Littelfuse

  LVR040 Datasheet HTML 1Page - Littelfuse LVR040 Datasheet HTML 2Page - Littelfuse LVR040 Datasheet HTML 3Page - Littelfuse LVR040 Datasheet HTML 4Page - Littelfuse LVR040 Datasheet HTML 5Page - Littelfuse LVR040 Datasheet HTML 6Page - Littelfuse LVR040 Datasheet HTML 7Page - Littelfuse LVR040 Datasheet HTML 8Page - Littelfuse LVR040 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PolySwitch® Resettable PPTCs
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/20/20
Line-Voltage-Rated Devices
Line-Voltage-Rated Devices
RoHS
Description
Littelfuse PolySwitch line-voltage-rated (LVR) devices
help protect electric motors and transformers used in
commercial and home appliances from damage caused by
mechanical overloads, overheating, stall, lost neutral and
other potentially harmful conditions.
The LVR line-voltage product line of polymeric positive
temperature coefficient (PPTC) devices includes
components that are rated for line voltages of 120VAC,
VDC and 240VAC, VDC for up to 2A of operating current at
20°C. They help protect against damage caused by both
overcurrent surges and overtemperature faults. They also
offer low resistance and are compatibly sized with fuse
solutions.
Applications
• Electromagnetic loads
• Game machines
• Industrial controls
• Lighting ballasts
• Loudspeakers
• Medical equipment
• Motors, fans and blowers
• POS equipment
• Satellite video receivers
• Security and fire alarm systems
• Test and measurement
equipment
• Transformers
• USB hubs, ports and
peripherals
• Intelligent appliance
• Robotic machine
Electrical Characteristics
Part
Number
Ordering
Part
Number
IH
IT
VMAX†
IMAX†
PD Typ
Max Time-to-
trip
RMIN
RMAX
R1MAX
Lead Size
(mm2/
AWG)
Operating
Interrupt
Interrupt
(A)
(A)
(VAC, VDC)
(VAC, VDC)
(A)
(W)
(A)
(s)
(Ω)
(Ω)
(Ω)
LVR
LVR005NK
LVR005NS
RF1251-000
RF1245-000
0.05
0.12
240
265
1.0
0.9
0.25
10.0
18.5
31.0
65.0
0.51/24
120
135
20.0
LVR008NK
LVR008NS
RF1252-000
RF1246-000
0.08
0.19
240
265
1.2
0.9
0.40
10.0
7.4
12.0
26.0
0.51/24
120
135
20.0
Agency
Agency File Number
®
E74889
78165
72161781
CQC16001159721
Additional Information
Datasheet
Resources
Samples
Agency Approvals
Features
• RoHS and Halogen-free
compliant
• Broadest range of radi-
al-leaded resettable devic-
es
available in the industry
• Current ratings from 50mA
to 2A
• Line voltage rating of
120VAC, VDC and 240VAC,
VDC
• Fast time-to-trip
• Low resistance
• UL Recognized to UL 1434
• CSA Approved to CSA TIL
No. CA-3A
• TUV Approved to EN
60730-1
• CQC Approved to GB
8898, GB/T 7153, GB
14536.1


Similar Part No. - LVR040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR040 MACOM-LVR040 Datasheet
212Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR040 MACOM-LVR040 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR040 MACOM-LVR040 Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR040K MACOM-LVR040K Datasheet
212Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR040K MACOM-LVR040K Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - LVR040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005N MACOM-LVR005N Datasheet
212Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
LVR008N MACOM-LVR008N Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com