Electronic Components Datasheet Search
  English  ▼

X  

0829976 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0829976
Description  US-WMT (15X4) BU CUS - Cable marker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0829976 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0829976 Datasheet HTML 1Page - PHOENIX CONTACT 0829976 Datasheet HTML 2Page - PHOENIX CONTACT 0829976 Datasheet HTML 3Page - PHOENIX CONTACT 0829976 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Card, can be ordered: by card, blue, labeled according to customer specifications,
cable diameter range: 0.6 ... 50 mm, mounting type: insert, Number of individual labels: 84, text
field height: 4 mm, text field width: 15 mm
Your advantages
The US-WMT ... UniSheet labeling range includes markers for conductor marking with marking collars from the PATG/PATO ... system
•
Labeling service: Phoenix Contact can custom-label all UniSheet markers according to your requirements
•
Commercial data
Item number
0829976
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8129
GTIN
4046356613002
Weight per piece (including packing)
12.31 g
Weight per piece (excluding packing)
12.31 g
Country of origin
PL
US-WMT (15X4) BU CUS - Cable marker
0829976
https://www.phoenixcontact.com/us/products/0829976
Jul 15, 2025, 12:58AM
Page 1 (4)


Similar Part No. - 0829976

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829970 PHOENIX-0829970 Datasheet
186Kb / 4P
US-WMT (12X4) GN CUS - Cable marker
0829971 PHOENIX-0829971 Datasheet
186Kb / 4P
US-WMT (15X4) CUS - Cable marker
0829972 PHOENIX-0829972 Datasheet
189Kb / 4P
US-WMT (15X4) RD CUS - Cable marker
0829973 PHOENIX-0829973 Datasheet
188Kb / 4P
US-WMT (15X4) OG CUS - Cable marker
0829974 PHOENIX-0829974 Datasheet
189Kb / 4P
US-WMT (15X4) YE CUS - Cable marker
More results

Similar Description - 0829976

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com