Electronic Components Datasheet Search
  English  ▼

X  

0829976 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0829976
Description  US-WMT (15X4) BU CUS - Cable marker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0829976 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0829976 Datasheet HTML 1Page - PHOENIX CONTACT 0829976 Datasheet HTML 2Page - PHOENIX CONTACT 0829976 Datasheet HTML 3Page - PHOENIX CONTACT 0829976 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Marking
Number of individual labels
84
Number of individual labels per row
14
Identification technology
Thermal transfer for sheets and cards
Mounting
Mounting type
insert
Material specifications
Color
blue (RAL 5015)
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
10 ... 30 °C / 40 ... 70 % relative humidity. Storage in the original
packaging is recommended prior to processing.
Recommended ambient temperature (storage/transport)
10 °C ... 30 °C
Recommended humidity (storage/transport)
40 % ... 70 %
Dimensions
Width
4.3 mm
Length
15 mm
Text field
Text field width
15 mm
Text field height
4 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
US-WMT (15X4) BU CUS - Cable marker
0829976
https://www.phoenixcontact.com/us/products/0829976
Jul 15, 2025, 12:58AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com