Electronic Components Datasheet Search
  English  ▼

X  

0830210 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0830210
Description  UCT-WMS 4,7 (12X5,5) OG - Wire marking tag
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830210 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0830210 Datasheet HTML 1Page - PHOENIX CONTACT 0830210 Datasheet HTML 2Page - PHOENIX CONTACT 0830210 Datasheet HTML 3Page - PHOENIX CONTACT 0830210 Datasheet HTML 4Page - PHOENIX CONTACT 0830210 Datasheet HTML 5Page - PHOENIX CONTACT 0830210 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Shelf life
2 years
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Standards
Standards/regulations
EN 45545-2
Mounting
Mounting type
slide-on
UCT-WMS 4,7 (12X5,5) OG - Wire marking tag
0830210
https://www.phoenixcontact.com/us/products/0830210
Jul 15, 2025, 12:48AM
Page 4 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com