Electronic Components Datasheet Search
  English  ▼

X  

0830210 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830210
Description  UCT-WMS 4,7 (12X5,5) OG - Wire marking tag
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830210 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830210 Datasheet HTML 1Page - PHOENIX CONTACT 0830210 Datasheet HTML 2Page - PHOENIX CONTACT 0830210 Datasheet HTML 3Page - PHOENIX CONTACT 0830210 Datasheet HTML 4Page - PHOENIX CONTACT 0830210 Datasheet HTML 5Page - PHOENIX CONTACT 0830210 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
General
Can be labeled via thermal transfer
Product properties
Product type
Conductor marking
Pitch
5.2 mm
Type
Card form
Marking
Number of individual labels
45
Number of individual labels per row
9
Identification technology
Thermal transfer for sheets and cards
Dimensions
Width
12.12 mm
Height
6 mm
Depth
7.05 mm
Pitch
5.2 mm
External dimensions
Outside diameter
2.5 mm ... 4.7 mm
Text field
Text field width
12 mm
Text field height
5.5 mm
Material specifications
Color
orange (RAL 2003)
Material
PC
Flammability rating according to UL 94
V0
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
free from silicone and halogen
Cable/line
External cable diameter
2.5 mm ... 4.7 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
UCT-WMS 4,7 (12X5,5) OG - Wire marking tag
0830210
https://www.phoenixcontact.com/us/products/0830210
Jul 15, 2025, 12:48AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com