Electronic Components Datasheet Search
  English  ▼

X  

TA261 Datasheet(PDF) 12 Page - Pico Technology Ltd.

Part # TA261
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA261 Datasheet(HTML) 12 Page - Pico Technology Ltd.

Back Button TA261 Datasheet HTML 8Page - Pico Technology Ltd. TA261 Datasheet HTML 9Page - Pico Technology Ltd. TA261 Datasheet HTML 10Page - Pico Technology Ltd. TA261 Datasheet HTML 11Page - Pico Technology Ltd. TA261 Datasheet HTML 12Page - Pico Technology Ltd. TA261 Datasheet HTML 13Page - Pico Technology Ltd. TA261 Datasheet HTML 14Page - Pico Technology Ltd. TA261 Datasheet HTML 15Page - Pico Technology Ltd. TA261 Datasheet HTML 16Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Measurement uncertainty
Reflection measurements
Transmission measurements
Freq. range Magnitude Phase Freq. range Magnitude Phase
–15 dB to 0 dB
+0 dBm to +6 dBm
< 2 MHz
0.7
8°
< 2 MHz
0.4
6°
> 2 MHz
0.5
4°
> 2 MHz
0.2
2°
–25 dB to –15 dB
–40 dBm to 0 dBm
< 2 MHz
0.8
10°
< 2 MHz
0.2
2°
> 2 MHz
1.0
6°
> 2 MHz
0.1
1°
–30 dB to –25 dB
–60 dBm to –40 dBm
< 2 MHz
3.0
20°
< 2 MHz
0.5
8°
> 2 MHz
2.5
15°
> 2 MHz
0.3
4°
–80 dBm to –60 dBm
< 2 MHz
2.0
15°
> 2 MHz
1.5
12°
Test level of –3 dBm
No averaging
Bandwidth 10 Hz
Ambient temperature equal to the calibration temperature.
A 12 error term calibration is assumed carried out with a good
quality 3.5 mm calibration kit capable of achieving the performance
specified.
Spurious responses
–76 dBc typical, –70 dBc max.
The main spurious response occurs at close to (2 x RF + 1.3) MHz,
where RF is the test frequency in MHz. For example, when testing
a bandpass filter with a centre frequency of, say 1900 MHz, an
unwanted response will occur around 949.35 MHz. There may also
be spurious responses close to (3 x RF + 2.6) MHz. In all known
cases the levels will be as stated.
Test port characteristics
Load match
Uncorrected:
16 dB, typical
Corrected:
46 dB, typical
40 dB, min
Source match
Uncorrected:
16 dB, typical
Corrected:
46 dB, typical
40 dB, min
Directivity
Corrected:
47 dB, typical
40 dB, min
Crosstalk
Band (MHz)
Typical (dB) Max. (dB)
< 2
–100
–90
2 to 4000
–110
–90
4000 to 6000
–100
–90
Corrected.
Both calibrated ports terminated in short circuits.
After isolation calibration.
Maximum input level
+10 dBm, typ
1 dB compression
Maximum input level
+20 dBm
No damage
Impedance
50 Ω
Connectors
Type N, female



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com