Electronic Components Datasheet Search
  English  ▼

X  

TA261 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # TA261
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA261 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  TA261 Datasheet HTML 1Page - Pico Technology Ltd. TA261 Datasheet HTML 2Page - Pico Technology Ltd. TA261 Datasheet HTML 3Page - Pico Technology Ltd. TA261 Datasheet HTML 4Page - Pico Technology Ltd. TA261 Datasheet HTML 5Page - Pico Technology Ltd. TA261 Datasheet HTML 6Page - Pico Technology Ltd. TA261 Datasheet HTML 7Page - Pico Technology Ltd. TA261 Datasheet HTML 8Page - Pico Technology Ltd. TA261 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Vector network analysis for the many
Once the domain of an elite few, microwave measurement has encroached into the lives of scientists, educators, surveyors, inspectors, engineers and technicians alike. Today’s
microwave measurements need to be straightforward, portable, accurate, cost-effective and easy to learn.
The PicoVNA 106 is an all new, UK-designed, professional USB-controlled, laboratory grade vector network instrument of unprecedented performance, portability and value for
money. Despite its simple outline, small footprint and low cost, the instrument boasts a four-receiver architecture to minimize the uncorrectable errors, delays and unreliability of
internal transfer switches.
Despite its small size, the PicoVNA 106 delivers an exceptional dynamic range of 118 dB at 10 Hz and only 0.005 dB RMS trace noise at its maximum operating bandwidth of
140 kHz. It can also gather all four S-parameters at every frequency point in just 190 µs; in other words, a 500 point 2-port .s2p Touchstone file in less than a tenth of a second. Its
low price means that the PicoVNA 106 would be cost-effective as a deep dynamic range scalar network analyzer or a single-port vector reflectometer. However, despite its size and
price, the PicoVNA 106 really is a full-function dual-port, dual-path vector network analyzer. It’s affordable in the classroom, in small businesses and even in amateur workshops, yet
capable of meeting the needs of all users up to the microwave laboratory technician and expert.
Vector network analysis everywhere
The PicoVNA’s small size, weight and cost, and high performance suit it to field service, installation test, embedded and classroom applications. With its remote automation
capability, it’s also attractive in applications such as:
•
Test automation
•
Manufacturers needing to integrate a reflectometry or transmission measurement core
•
Inspection, test, characterization and calibration in the manufacture, distribution and service center industries
•
Electronics component, assembly and system, and interface/interconnect ATE (cable, PCB and wireless)
•
Material, geological, life science and food sciences; tissue imaging; penetrating scan and radar
•
Broadband cable and harness test at manufacture, installation and fault-over-life monitoring
•
Antenna matching and tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com