Electronic Components Datasheet Search
  English  ▼

X  

TSSOP Datasheet(PDF) 1 Page - TT Electronics.

Part # TSSOP
Description  Surface Mount TSSOP Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TSSOP Datasheet(HTML) 1 Page - TT Electronics.

  TSSOP Datasheet HTML 1Page - TT Electronics. TSSOP Datasheet HTML 2Page - TT Electronics. TSSOP Datasheet HTML 3Page - TT Electronics. TSSOP Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount TSSOP
Resistor Networks
TSSOP Series
Absolute tolerances to ±0.1%
Tight TC Tracking to ±5ppm/°C
Ratio match tolerances to ±0.05%
Ultra-stable tantalum nitride resistors
Standard Sn/Pb and Pb-free terminations available
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC’s TaNSil® TSSOP resistor networks are ideally suited for high volume applications that demand a small, low-profile footprint.
The small wire-bondable chip package provides higher component density, lower resistor cost and high reliability.
The tantalum nitride film system on silicon provides precision tolerance, exceptional TCR tracking, low cost and miniature package.
Excellent performance in harsh, humid environments is a trademark of IRC’s self-passivating TaNSil® resistor film.
For applications requiring high performance resistor networks in a low cost, low profile, surface mount package, specify IRC TSSOP
resistor networks.
Electrical Data
Environmental Data
Test Per
MIL-PRF-83401
Typical
Delta R
Max Delta
R
Thermal Shock
±0.02%
±0.1%
Power Conditioning
±0.03%
±0.1%
High Temperature Exposure
±0.03%
±0.5%
Short-time Overload
±0.02%
±0.5%
Low Temperature Storage
±0.03%
±0.5%
Life
±0.05%
±0.1%
Resistance Range
10
Ω to 250KΩ
Absolute Tolerance
To ±0.1%
Ratio Tolerance to R1
To ±0.05%
Absolute TCR
To ±25ppm/°C
Tracking TCR
To ±5ppm/°C
Element Power Rating @ 70°C
Isolated Schematic
Bussed Schematic
100mW
50mW
Package Power Rating @ 70°C
16-Pin
800mW
20-Pin
1.0W
24-Pin
1.0W
Rated Operating Voltage
(not to exceed P x R)
100 Volts
Operating Temperature
-55°C to
+125°C
Noise
<-30dB
√
______
Surface Mount TSSOP
Resistor Networks
• Absolute tolerances to ±0.1%
• Tight TC Tracking to ±5ppm/°C
• Ratio match tolerances to ±0.05%
• Ultra-stable tantalum nitride resistors
• Standard Sn/Pb and Pb-free terminations available
TSSOP Series
TSSOP Series Issue January 2009 Sheet 1 of 4
Resistors
08.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - TSSOP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
TSSOP AMKOR-TSSOP Datasheet
780Kb / 3P
ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based
12/21
TSSOP AMKOR-TSSOP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
TSSOP AMKOR-TSSOP Datasheet
502Kb / 2P
TSSOP (Thin Shrink Small Outline Package) and MSOP (Mini Small Outline Package) are leadframe based, plastic encapsulated packages
12/21
logo
Diodes Incorporated
TSSOP-14 DIODES-TSSOP-14 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
TSSOP-14 DIODES-TSSOP-14 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results

Similar Description - TSSOP

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627T BITECH-627T Datasheet
61Kb / 4P
CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
Space Flight Surface Mount Flat Packs Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
Surface Mount QSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
Surface Mount SOIC Resistor Networks
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
SOT143 Surface Mount Resistor Networks
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
Surface Mount TSSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
CITT V.35 Termination Surface Mount Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
Surface Mount QSOP Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com