Electronic Components Datasheet Search
  English  ▼

X  

TSSOP Datasheet(PDF) 2 Page - TT Electronics.

Part # TSSOP
Description  Surface Mount TSSOP Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TSSOP Datasheet(HTML) 2 Page - TT Electronics.

  TSSOP Datasheet HTML 1Page - TT Electronics. TSSOP Datasheet HTML 2Page - TT Electronics. TSSOP Datasheet HTML 3Page - TT Electronics. TSSOP Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount TSSOP Resistor Networks
TSSOP Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount TSSOP
Resistor Networks
Manufacturing Capabilities
Absolute
TCR
(±ppm/°C)
ISOLATED SCHEMATIC A
BUSSED SCHEMATIC B
Ohmic
Range
(
Ω)
Available
Tolerances
Available
Ratio
Tolerances
Best
Tracking
(±ppm/°C)
Ohmic
Range
(W)
Available
Tolerances
Available
Ratio
Tolerances
Best
Tracking
(±ppm/°C)
250
10 - 25
F G J
F G
100
10 - 25
F G J
F G
200
26 - 50
D F G J
C D F G
50
26 - 50
F G J
D F G
100
51 - 200
C D F G J
C D F G
10
51 - 100
D F G J
C D F G
50
201 - 250K
B C D F G J A B C D F G
5
101 - 200
D F G J
B C D F G
25
201 - 500
B C D F G J
B C D F G
20
501 - 100K
B C D F G J A B C D F G
5
100
26 - 50
D F G J
C D F G
50
26 - 50
F G J
D F G
100
51 - 200
C D F G J
C D F G
10
51 - 100
D F G J
C D F G
50
201 - 250K
B C D F G J
A B F G
5
101 - 200
D F G J
B C D F G
25
201 - 500
B C D F G J
B C D F G
20
501 - 100K
B C D F G J A B C D F G
5
50
26 - 50
D F G J
C D F G
50
51 - 100
D F G J
C D F G
50
51 - 200
C D F G J
C D F G
10
101 - 200
D F G J
B C D F G
25
201 - 250K
B C D F G J
A B F G
5
201 - 500
B C D F G J
B C D F G
20
501 - 100K
B C D F G J A B C D F G
5
25
51 - 200
C D F G J
C D F G
10
201 - 500
B C D F G J
B C D F G
20
201 - 250K
B C D F G J
A B F G
5
501 - 100K
B C D F G J A B C D F G
5
TSSOP Series Issue January 2009 Sheet 2 of 4
08.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com