Electronic Components Datasheet Search
  English  ▼

X  

TT5335D Datasheet(PDF) 2 Page - TT Electronics.

Part # TT5335D
Description  2-wire Transmitter with HART Protocol
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TT5335D Datasheet(HTML) 2 Page - TT Electronics.

  TT5335D Datasheet HTML 1Page - TT Electronics. TT5335D Datasheet HTML 2Page - TT Electronics. TT5335D Datasheet HTML 3Page - TT Electronics. TT5335D Datasheet HTML 4Page - TT Electronics. TT5335D Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-wire Transmitter with HART
Protocol
TT5335D
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
03/2019 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Environmental Conditions
Dimensions
Ø 44 x 20.2 mm
Weight approx.
50 kg
Wire size
1 x 1.5 mm² stranded
wire
Screw terminal torque
0.4 Nm
Vibration
IEC 60068-2-6
2… 25 Hz
±1.6 mm
25… 100 Hz
±4 g
Mechanical Specifications
Common Specifications
Supply
Supply voltage
8.0...30 VDC
Isolation voltage
Isolation voltage, test / working
1.5 kVAC / 50 VAC
Response time
Response time (programmable)
1...60 s
Warm-up time
30 s
Programming
Loop link and HART
Signal / noise ratio
Min. 60 dB
Accuracy
Better than 0.05% of selected range
Operating temperature
-40°C to +85°C
Calibration temperature
20….28°C
Relative humidity
< 95% RH (non-cond.)
Protection degree (encl./terminal)
IP68 / IP00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com