Electronic Components Datasheet Search
  English  ▼

X  

TT5335D Datasheet(PDF) 3 Page - TT Electronics.

Part # TT5335D
Description  2-wire Transmitter with HART Protocol
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TT5335D Datasheet(HTML) 3 Page - TT Electronics.

  TT5335D Datasheet HTML 1Page - TT Electronics. TT5335D Datasheet HTML 2Page - TT Electronics. TT5335D Datasheet HTML 3Page - TT Electronics. TT5335D Datasheet HTML 4Page - TT Electronics. TT5335D Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2-wire Transmitter with HART
Protocol
TT5335D
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
03/2019 Page 3
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Response time (continued)
Signal dynamics, input
22 bit
Signal dynamics, output
16 bit
Effect of supply voltage change
< 0.005% of span / VDC
EMC immunity influence
< ±0.1% of span
Extended EMC immunity: NAMUR NE21, A criterion, burst
< ±1% of span
Input Specifications
Common input specifications
Max. offset
50% of selected max. value
RTD input
RTD type
Pt100, Ni100, lin. R
Cable resistance per wire
5 Ω (up to 50 Ω per wire is possible with reduced measurement
accuracy)
Sensor current
Nom. 0.2 mA
Effect of sensor cable resistance (3-/4-wire)
< 0.002 Ω / Ω
Sensor error detection
Yes
TC input
Thermocouple type
B, E, J, K, L, N, R, S, T, U, W3, W5
Cold junction compensation (CJC)
< ±1.0 °C
Sensor error detection
Yes
Sensor error current: When detecting / else
Nom. 33 µA / 0 µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com