Electronic Components Datasheet Search
  English  ▼

X  

ICM7321 Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # ICM7321
Description  SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7321 Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  ICM7321 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICM7361/7341/7321
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
3
IC MICROSYSTEMS
ICmic
ORDERING INFORMATION
Part
Temperature Range
Package
ICM7361M
-40
oC to 85 oC
8-Pin MSOP
ICM7341M
-40
oC to 85 oC
8-Pin MSOP
ICM7321M
-40
oC to 85 oC
8-Pin MSOP
ORDERING INFORMATION
Part
Temperature Range
Package
ICM7361T
-40
oC to 85 oC
SOT-23
ICM7341T
-40
oC to 85 oC
SOT-23
ICM7321T
-40
oC to 85 oC
SOT-23
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V ; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
ICM7361
N
Resolution
12
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.4
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
4.0
+12.0
LSB
ICM7341
N
Resolution
10
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.1
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
1.0
+3.0
LSB
ICM7321
N
Resolution
8
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.05
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
0.25
+0.75
LSB
GE
Gain Error
+0.5
% of FS
OE
Offset Error
+25
mV
POWER REQUIREMENTS
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current
(Note 4)
0.2
0.5
mA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
ROUT
Amp Output Impedance
At Mid-scale (Note 2)
At 0-scale (Note 2)
1.0
100
5.0
200
Ω
Ω
Output Line Regulation
VDD =2.7 to 5.5 V
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
2.4
V
VIL
Digital Input Low
(Note 2)
0.8
V
Digital Input Leakage
5
µΑ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com