Electronic Components Datasheet Search
  English  ▼

X  

ICM7321 Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # ICM7321
Description  SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7321 Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  ICM7321 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7321 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICM7361/7341/7321
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
4
IC MICROSYSTEMS
ICmic
REFERENCE
VREFOUT
Reference Output
1.2
1.25
1.3
V
Reference Output Line
Regulation
VDD =2.7 to 5.5 V
0.8
4.0
mV/V
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SR
Slew Rate
2
V/µs
Settling Time
Full-scale settling
8
µs
Mid-scale Transition Glitch
Energy
40
nV-S
Note 1:
Linearity is defined from code 64 to 4095 (ICM7361)
Linearity is defined from code 16 to 1023 (ICM7341)
Linearity is defined from code 4 to 255 (ICM7321)
Note 2:
Guaranteed by design; not tested in production
Note 3:
See Applications Information
Note 4:
All digital inputs are either at GND or VDD
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
t1
SCK Cycle Time
(Note 2)
30
ns
t2
Data Setup Time
(Note 2)
10
ns
t3
Data Hold Time
(Note 2)
10
ns
t4
SCK Falling edge to CS
Rising Edge
(Note 2)
0
ns
t5
CS Falling Edge to SCK
Rising Edge
(Note 2)
15
ns
t6
CS Pulse Width
(Note 2)
20
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com