Electronic Components Datasheet Search
  English  ▼

X  

259 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 259
Description  USB LiIon/LiPoly charger - v1.2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

259 Datasheet(HTML) 1 Page - Adafruit Industries

  259 Datasheet HTML 1Page - Adafruit Industries 259 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB LiIon/LiPoly charger - v1.2
PRODUCT ID: 259
Description
This is a Lithium Ion and Lithium Polymer battery charger based on the MCP73833. It uses a USB mini-B
for connection to any computer or 'USB wall adapter'. Charging is performed in three stages: first a
preconditioning charge, then a constant-current fast charge and finally a constant-voltage trickle charge to
keep the battery topped-up. The fast-charge current is 500mA by default, but is easily adjustable from
100mA up to 1000mA by soldering a through-hole resistor on-board.
This board is great for DIY projects because it has 3 indicator LEDs - one for power, one for charging
status and a third that indicates when charging is complete. Keep the battery connected to the charger and
pass power through the additional JST connector using the included cable!
For use with Adafruit Lipoly batteries only! Other batteries may have different voltage, chemistry, polarity
or pinout.


Similar Part No. - 259

ManufacturerPart #DatasheetDescription
logo
Littelfuse
259 LITTELFUSE-259 Datasheet
640Kb / 2P
The Safe-T-Plus 259 Series offers a range of encapsulated fuses designed to enable greater safety for operating electronic equipment within potentially explosive environments
logo
Walther-Werke
259 WALTHER-259 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
ITT Industries
259-8760-000 ITT-259-8760-000 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
Heyco.
2590 HEYCO-2590 Datasheet
105Kb / 1P
Dome Plugs
2590 HEYCO-2590 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
More results

Similar Description - 259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578E MAXIM-MAX14578E Datasheet
2Mb / 23P
USB Battery Charger Detectors
Rev 1; 2/12
logo
Feature Integration Tec...
F75198 FINTEK-F75198 Datasheet
416Kb / 10P
USB Charger Controller
F75204 FINTEK-F75204 Datasheet
685Kb / 14P
USB Charger Controller
logo
Texas Instruments
BQ24392 TI1-BQ24392 Datasheet
708Kb / 17P
Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
logo
Dialog Semiconductor
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
USB Host Charger Identification
logo
SHENZHEN FUMAN ELECTRON...
9016R FUMAN-9016R Datasheet
285Kb / 5P
USB charger IC
9017R FUMAN-9017R Datasheet
231Kb / 5P
USB charger IC
logo
Maxim Integrated Produc...
MAX14576 MAXIM-MAX14576 Datasheet
988Kb / 12P
USB Charger Detectors
Rev 5; 5/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com