Electronic Components Datasheet Search
  English  ▼

X  

259 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 259
Description  USB LiIon/LiPoly charger - v1.2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

259 Datasheet(HTML) 2 Page - Adafruit Industries

  259 Datasheet HTML 1Page - Adafruit Industries 259 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
o
Comes assembled and tested, includes a JST cable!
o
5V input via mini-B USB connector
o
For charging single Lithium Ion/Lithium Polymer 3.7/4.2v batteries (not for older 3.6/4.1v cells)
o
500mA charge current, adjustable from 100mA to 1000mA by soldering in a resistor
o
Separate JST connectors for battery and load system so batteries don't have to be removed for
charging
o
Chip supports a 10K NTC thermistor which we have stuffed as a plain 10K. For people who
require temperature monitors (using high charge rates), remove the 10K and solder in the
thermistor in its place
o
0.1" (2.54mm) breakouts for the battery, DC, and status LEDs
o
Free 2-pin JST cable included!
o
Batteries and USB cable not included.
Technical Details 
Details:
o
Dimensions: 33mm x 35mm x 7mm (1.3in x 1.4in x 0.3in)
o
Weight: 5.7g ( 0.2oz)
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com