Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 345
Description  Nunchucky (Wii Nunchuck breakout adapter)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

345 Datasheet(HTML) 1 Page - Adafruit Industries

  345 Datasheet HTML 1Page - Adafruit Industries 345 Datasheet HTML 2Page - Adafruit Industries 345 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
  
 
 
Nunchucky (Wii Nunchuck breakout
adapter)
PRODUCT ID: 345
The Wii Nunchuck has proven to be an excellent bargain - switches, joystick,
and accelerometer in one handy package! But it's a shame to hack off the
connector to make use of it, so use the Solarbotics Nunchucky breakout board
adapter!
The Nunchucky features:
Two sets of interface pads
Includes a 4 Pin male header
Lock notches so your Nunchuck "clicks" in and won't let loose!
Tie-down Holes for securing ribbon-cable extensions


Similar Part No. - 345

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
345 FILTRONIC-345 Datasheet
148Kb / 2P
MINIATURE, IN-LINE, SMA CONNECTORS
logo
Intel Corporation
345 INTEL-345 Datasheet
1Mb / 82P
Celeron D Processor
logo
Magnetrol International...
345 MAGNETROL-345 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
List of Unclassifed Man...
345 ETC2-345 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
API Technologies Corp
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
More results

Similar Description - 345

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2210 MICROCHIP-MCP2210_12 Datasheet
387Kb / 26P
Breakout Module
2012
logo
Glenair, Inc.
8071-3089 GLENAIR-8071-3089 Datasheet
271Kb / 2P
Breakout Cable
8071-3667 GLENAIR-8071-3667 Datasheet
182Kb / 2P
Breakout Cable
logo
Future Technology Devic...
UMFT234XD FTDI-UMFT234XD Datasheet
535Kb / 11P
UMFT234XD Breakout Modules
logo
SparkFun Electronics
BOB-11189 SPARKFUN-BOB-11189 Datasheet
106Kb / 1P
Transceiver Breakout
BOB-15697 SPARKFUN-BOB-15697 Datasheet
530Kb / 2P
SparkFun Fuse Breakout Board
10????9
SPX-15804 SPARKFUN-SPX-15804 Datasheet
230Kb / 2P
Qwiic IR Breakout
12????9
BOB-00716 SPARKFUN-BOB-00716 Datasheet
109Kb / 1P
SparkFun RJ45 Breakout
6/24/2015
logo
Lattice Semiconductor
LCMXO3D-9400HC-5BG256C LATTICE-LCMXO3D-9400HC-5BG256C Datasheet
2Mb / 3P
MachXO3D Breakout Board
logo
RAKwireless Technology ...
RAK3272S RAK-RAK3272S Datasheet
435Kb / 7P
RAK3272S Breakout Board
6/2/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com