Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 345
Description  Nunchucky (Wii Nunchuck breakout adapter)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

345 Datasheet(HTML) 2 Page - Adafruit Industries

  345 Datasheet HTML 1Page - Adafruit Industries 345 Datasheet HTML 2Page - Adafruit Industries 345 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pairs perfectly with our Wii Nunchuck controller You'll need a microcontroller
with i2c port. Please note that some people have reported problems with cheap
3rd party nunchucks not working with Arduino sketches.
Nunchuck controller not included!
TECHNICAL DETAILS
Dimensions (without header):
Length: 18mm/0.71in
Width: 20mm/0.79in
Height: 1.60mm/0.06in
Weight: 1.00g/0.03oz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com