Electronic Components Datasheet Search
  English  ▼

X  

757 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 757
Description  4-channel I2C I2C-safe Bi Bi-directional Logic Level Converter - BSS138
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

757 Datasheet(HTML) 1 Page - Adafruit Industries

  757 Datasheet HTML 1Page - Adafruit Industries 757 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-channel I2C-safe Bi-directional Logic
Level Converter - BSS138
PRODUCT ID: 757
Because the Arduino (and Basic Stamp) are 5V devices, and most modern
sensors, displays, flash cards and modes are 3.3V-only, many makers find that
they need to perform level shifting/conversion to protect the 3.3V device from
5V.
We do have some other handy level shifters in the shop, from the DIP
74LVC245 to the fancy bi-directional TXB0108. However, neither of these are
happy to work with I2C, which uses a funky pull-up system to transfer data back
and forth. This level shifter board combines the ease-of-use of the bi-
directional TXB0108 with an I2C-compatible FET design following NXP's app
note.


Similar Part No. - 757

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
757 ETC2-757 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Greenlee Communications
757 GREENLEE-757 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
757 GREENLEE-757 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Amphenol Wilcoxon Sensi...
757 WILCOXON-757 Datasheet
389Kb / 1P
Biaxial underwater accelerometer
Rev.C.1 09/18
logo
Keystone Electronics Co...
757 KEYSTONE-757 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
More results

Similar Description - 757

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Shenzhen Winsemi Microe...
STN1A60 WINSEMI-STN1A60 Datasheet
353Kb / 5P
Logic Level Bi-Directional Triode Thyristor
STN1A60S WINSEMI-STN1A60S Datasheet
368Kb / 5P
Logic Level Bi-Directional Triode Thyristor
STN1A80 WINSEMI-STN1A80 Datasheet
406Kb / 5P
Logic Level Bi-Directional Triode Thyristor
WTN1A60 WINSEMI-WTN1A60 Datasheet
309Kb / 5P
Logic Level Bi-Directional Triode Thyristor
logo
SparkFun Electronics
BOB-12009 SPARKFUN-BOB-12009 Datasheet
294Kb / 5P
Bi-Directional Logic Level Converter Hookup Guide
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com