Electronic Components Datasheet Search
  English  ▼

X  

757 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 757
Description  4-channel I2C I2C-safe Bi Bi-directional Logic Level Converter - BSS138
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

757 Datasheet(HTML) 2 Page - Adafruit Industries

  757 Datasheet HTML 1Page - Adafruit Industries 757 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This breakout has 4 BSS138 FETs with 10K pullups. It works down to 1.8V on the
low side, and up to 10V on the high side. The 10K's do make the interface a
little more sluggish than using a TXB0108 or 74LVC245 so we suggest checking
those out if you need high-speed transfer.
While we designed it for use with I2C, this works as well for TTL Serial, slow
<2MHz SPI, and any other digital interface both uni-directional and
bidirectional. Comes with a fully assembled, and tested PCB with 4 full
bidirectional converter lines as well as 2 pieces of 6-pin header you can solder
on to plug into a breadboard or perfboard.
TECHNICAL DETAILS
•
BSS138 Datasheet
•
EagleCAD PCB files on GitHub
•
Fritzing library
The newer NXP app note explaining how it works (the older Philips version of the
app note is also worth a read)
https://www.adafruit.com/product/757/6-3-19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com