Electronic Components Datasheet Search
  English  ▼

X  

772 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 772
Description  LCD Shield Kit w/ 16x2 Character Display - Only 2 pins used! - BLUE AND WHITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

772 Datasheet(HTML) 3 Page - Adafruit Industries

  772 Datasheet HTML 1Page - Adafruit Industries 772 Datasheet HTML 2Page - Adafruit Industries 772 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DETAILS
EagleCAD PCB files and Fritzing available in the product tutorial
Dimensions: 2.1" x 3.2"
Comes with a 16x2 Blue&White backlight LCD
Plug and play with any Arduino 'classic' - UNO, duemilanove, diecimilla,
etc as well as Arduino Mega R3.
Uses only the I2C pins - Analog 4 & 5 on classic Arduinos, Digital 20 and
21 on Arduino Mega R3
This board/chip uses I2C 7-bit address 0x20
Mounting hole size is 2.5mm
 
 
                                                   https://www.adafruit.com/product/772 8‐9‐18 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com