Electronic Components Datasheet Search
  English  ▼

X  

772 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 772
Description  LCD Shield Kit w/ 16x2 Character Display - Only 2 pins used! - BLUE AND WHITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

772 Datasheet(HTML) 1 Page - Adafruit Industries

  772 Datasheet HTML 1Page - Adafruit Industries 772 Datasheet HTML 2Page - Adafruit Industries 772 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
LCD Shield Kit w/ 16x2 Character Display
- Only 2 pins used! - BLUE AND WHITE
PRODUCT ID: 772
This new Adafruit shield makes it easy to use a 16x2 Character LCD. We really
like the Blue & White 16x2 LCDs we stock in the shop. Unfortunately, these LCDs
do require quite a few digital pins, 6 to control the LCD and then another pin to
control the backlight for a total of 7 pins. That's almost half of the pins available
on a classic Arduino!


Similar Part No. - 772

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
Pulse Transformers
logo
Fluke Corporation
772 FLUKE-772 Datasheet
1Mb / 2P
Fluke 772 and 773 Milliamp Process Clamp Meters
logo
Keystone Electronics Co...
772 KEYSTONE-772 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
EAO AG.
772-.401-00 EAO-772-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
772-.401-0P EAO-772-.401-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 772

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC1202A-O P-TEC-PC1202A-O Datasheet
43Kb / 2P
Character LCD Display
PC4004A-O P-TEC-PC4004A-O Datasheet
32Kb / 2P
Character LCD Display
PC4004B-O P-TEC-PC4004B-O Datasheet
32Kb / 2P
Character LCD Display
PC4004G-O P-TEC-PC4004G-O Datasheet
37Kb / 2P
Character LCD Display
logo
LUMEX INC.
LCM-S01602DSR-A LUMEX-LCM-S01602DSR-A Datasheet
240Kb / 2P
5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DTR-M LUMEX-LCM-S01602DTR-M Datasheet
108Kb / 2P
16x2 CHARACTER LCD MODULE
LCM-S01602DXX-A LUMEX-LCM-S01602DXX-A Datasheet
125Kb / 2P
5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
logo
P-tec Corporation
PC1602P-O_0804 P-TEC-PC1602P-O_0804 Datasheet
36Kb / 2P
PC1602P-O Series (16x2) Character Display
logo
LUMEX INC.
LCM-E01602DSF LUMEX-LCM-E01602DSF Datasheet
145Kb / 2P
16X2 CHARACTER LCD MOD, STN TRANSFLECTIVE IC INTERFACE, NT7651, WHITE LED BKLT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com