Electronic Components Datasheet Search
  English  ▼

X  

MY2N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MY2N
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2N Datasheet(HTML) 1 Page - Omron Electronics LLC

  MY2N Datasheet HTML 1Page - Omron Electronics LLC MY2N Datasheet HTML 2Page - Omron Electronics LLC MY2N Datasheet HTML 3Page - Omron Electronics LLC MY2N Datasheet HTML 4Page - Omron Electronics LLC MY2N Datasheet HTML 5Page - Omron Electronics LLC MY2N Datasheet HTML 6Page - Omron Electronics LLC MY2N Datasheet HTML 7Page - Omron Electronics LLC MY2N Datasheet HTML 8Page - Omron Electronics LLC MY2N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
New Product
Miniature Power Relays
MY(S)
MY(S) Versatile plug-in Relay
• Reduces wiring work by 60% when combined with the
PYF-PU Push-In Plus Socket
(according to actual OMRON measurements).
• 10 A (DPDT) and 5 A (4PDT)
• Gold-clad contacts (MY4(S))
• Test button (lockable)
• Wide portfolio includes hermetically sealed and
latching types
• 2.6 mm wide pins offer higher conductivity and less
temperature increase
Model Number Structure
* In case of AC coil type relay, please select them from "Type 1" of Coil Polality.
Coil Polarity
(DC case) *
Type
Contact form
Plug-In socket/solder terminals
Flange mounting
With LED indicator
With LED Indicator
and Lockable test
button
Without LED
Indicator
Type 1
Standard model
DPDT
MY2N(S)
MY2IN(S)
MY2(S)
MY2F
DPDT (Bifurcated)
MY2ZN
---
---
---
4PDT
MY4N(S)
MY4IN(S)
MY4(S)
MY4F
4PDT (Bifurcated)
MY4ZN(S)
MY4ZIN(S)
MY4Z(S)
MY4ZF
With Built-in diode
(DC only)
DPDT
MY2N-D2(S)
MY2IN-D2(S)
---
---
DPDT (Bifurcated)
MY2ZN-D2
---
---
---
4PDT
MY4N-D2(S)
MY4IN-D2(S)
---
---
4PDT (Bifurcated)
MY4ZN-D2(S)
MY4ZIN-D2(S)
---
---
With Built-in CR
(AC only)
DPDT
MY2N-CR(S)
MY2IN-CR(S)
---
---
4PDT
MY4N-CR(S)
MY4IN-CR(S)
---
---
4PDT (Bifurcated)
MY4ZN-CR(S)
MY4ZIN-CR(S)
---
---
High reliability contacts
4PDT
(Crossbar
Bifurcated)
---
---
MY4Z-CBG
---
Plastic Sealed
4PDT
MYQ4N
---
---
---
4PDT (Bifurcated)
---
---
MYQ4Z
---
Lactching (coil latching)
DPDT
---
---
MY2K
---
Hermetic
4PDT
---
---
MY4H
---
4PDT (Bifurcated)
---
---
MY4ZH
---
Type 2
Standard model
DPDT
MY2N1(S)
MY2IN1(S)
---
---
4PDT
MY4N1(S)
MY4IN1(S)
---
---
4PDT (Bifurcated)
MY4ZN1(S)
MY4ZIN1(S)
---
---
With Built-in diode
(DC only)
DPDT
MY2N1-D2(S)
MY2IN1-D2(S)
---
---
4PDT
MY4N1-D2(S)
MY4IN1-D2(S)
---
---
4PDT (Bifurcated)
MY4ZN1-D2(S)
MY4ZIN1-D2(S)
---
---
Refer to Connection Socket and Mounting Bracket Selection Table on page 24 in Options for information on the
possible combinations of Models with Plug-in Terminals and Sockets.
The compliant standards depend on the model.
For details, refer to information provided for individual models.
Refer to the Common Relay Precautions and
Safety Precautions on page 32.


Similar Part No. - MY2N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY2N OMRON-MY2N Datasheet
1Mb / 20P
General-purpose Relay
MY2N OMRON-MY2N Datasheet
446Kb / 18P
Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
MY2N OMRON-MY2N Datasheet
2Mb / 20P
General-purpose Relay
MY2N OMRON-MY2N Datasheet
9Mb / 36P
Miniature Power Relays MY(S)
MY2N-CR OMRON-MY2N-CR Datasheet
1Mb / 20P
General-purpose Relay
More results

Similar Description - MY2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
miniature relays
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
Miniature plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
Miniature plug-in power relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
MINIATURE POWER RELAYS
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
Miniature Relays
logo
Omron Electronics LLC
G3F202SNAC100110 OMRON-G3F202SNAC100110 Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
Miniature Relays
logo
Omron Electronics LLC
G3F OMRON-G3F Datasheet
806Kb / 8P
International Standards for G3F Series, Same Profile as MY Power Relays
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
Miniature PCB Power Relays 10A 250VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com