Electronic Components Datasheet Search
  English  ▼

X  

MY2N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MY2N
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2N Datasheet(HTML) 2 Page - Omron Electronics LLC

  MY2N Datasheet HTML 1Page - Omron Electronics LLC MY2N Datasheet HTML 2Page - Omron Electronics LLC MY2N Datasheet HTML 3Page - Omron Electronics LLC MY2N Datasheet HTML 4Page - Omron Electronics LLC MY2N Datasheet HTML 5Page - Omron Electronics LLC MY2N Datasheet HTML 6Page - Omron Electronics LLC MY2N Datasheet HTML 7Page - Omron Electronics LLC MY2N Datasheet HTML 8Page - Omron Electronics LLC MY2N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
MY(S)
Contents
Model Number Structure............................................................................................. 1
Specifications
Coil Ratings ............................................................................................................ 2
MY2(S)/MY4(S)/MY4Z(S).............................................................................................. 3
Engineering Data ......................................................................................................... 6
Detailed Information on Models Certified for Safety Standards, MY2(S)/MY4(S)/MY4Z(S)......... 8
Models Other Than MY(S) Models
MY2ZN ..................................................................................................................... 9
MY
@F..................................................................................................................... 11
Detailed Information on Models Certified for Safety Standards, MY2ZN and MY
@F.......... 14
MY4Z-CBG ............................................................................................................ 15
MYQ4 ..................................................................................................................... 17
MY2K ..................................................................................................................... 19
MY4(Z)H................................................................................................................. 21
Socket for MY............................................................................................................. 23
Options.................................................................................................................. 24
Safety Precautions .................................................................................................... 32
Specifications
Coil Ratings
MY(S)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for rated currents and ±15% for DC coil
resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
3. AC coil resistance and impedance are provided as reference values (at 60 Hz).
4. Power consumption drop was measured for the above data. When driving transistors, check leakage current and connect a bleeder resistor if required.
MY2ZN, MY
@F, MY4(Z)H
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of +15%/
−20% for the AC rated current and ±15% for the
DC coil resistance.
2. The AC coil resistance and inductance values are reference values only (at 60 Hz).
3. Operating characteristics were measured at a coil temperature of 23°C.
4. The maximum voltage capacity was measured at an ambient temperature of 23°C.
*1. There is variation between products, but actual values are 80% max.
To ensure operation, apply at least 80% of the rated value
*2. There is variation between products, but actual values are 30% minimum for AC and 10% minimum for DC. To ensure release, use a value that is lower than the
specified value.
Note: Refer to page 19 for the coil specifications of the MY2K.
Rated voltage
Rated current
Coil
resistance
Coil inductance
(reference value)
Must
operate
voltage
Must
release
voltage
Max.
voltage
Power
consumption
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V
214.1 mA
183 mA
12.2
Ω
0.04 H
0.08 H
80% max.
30% min.
110%
Approx. 0.9 to
1.3 VA (60 Hz)
12 V
106.5 mA
91 mA
46
Ω
0.17 H
0.33 H
24 V
53.8 mA
46 mA
180
Ω
0.69 H
1.30 H
48/50 V
24.7/25.7 mA
21.1/22.0 mA
788
Ω
3.22 H
5.66 H
110/120 V
9.9/10.8 mA
8.4/9.2 mA
4,430
Ω
19.20 H
32.1 H
220/240 V
4.8/5.3 mA
4.2/4.6 mA
18,790
Ω
83.50 H
136.4 H
DC
6 V
151 mA
39.8
Ω
0.17 H
0.33 H
10% min.
0.9 W
12 V
75 mA
160
Ω
0.73 H
1.37 H
24 V
37.7 mA
636
Ω
3.20 H
5.72 H
48 V
18.8 mA
2,560
Ω
10.60 H
21.0 H
100/110 V
9.0/9.9 mA
11,100
Ω
45.60 H
86.2 H
Item Rated current (mA)
Coil resistance
(
Ω)
Coil inductance (H)
Must-
operate
voltage (V)
Must-
release
voltage (V)
Maximum
voltage (V)
Power consumption
(VA, W)
Rated
voltage (V)
50 Hz
60 Hz
Armature
OFF
Armature
ON
AC
12
106.5
91
46
0.17
0.33
80% max.*1
30% min.*2
110% of rated
voltage
Approx. 0.9 to 1.3 VA
(60 Hz)
24
53.8
46
180
0.69
1.3
100/110
11.7/12.9
10/11
3,750
14.54
24.6
110/120
9.9/10.8
8.4/9.2
4,430
19.2
32.1
200/220
6.2/6.8
5.3/5.8
12,950
54.75
94.07
220/240
4.8/5.3
4.2/4.6
18,790
83.5
136.4
DC
12
75
160
0.73
1.37
10% min.*2
Approx. 0.9
24
36.9
650
3.2
5.72
48
18.5
2,600
10.6
21.0
100/110
9.1/10
11,000
45.6
86.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com