Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS161 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS161
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75ALS161 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS161 Datasheet HTML 1Page - Texas Instruments SN75ALS161 Datasheet HTML 2Page - Texas Instruments SN75ALS161 Datasheet HTML 3Page - Texas Instruments SN75ALS161 Datasheet HTML 4Page - Texas Instruments SN75ALS161 Datasheet HTML 5Page - Texas Instruments SN75ALS161 Datasheet HTML 6Page - Texas Instruments SN75ALS161 Datasheet HTML 7Page - Texas Instruments SN75ALS161 Datasheet HTML 8Page - Texas Instruments SN75ALS161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN75ALS161
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019F − JUNE 1986 − REVISED JULY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
EQUIVALENT OF ALL CONTROL INPUTS
TYPICAL OF SRQ, NDAC, AND NRFD GPIB I/O PORT
Circuit inside dashed lines is on the driver outputs only.
TYPICAL OF ALL I/O PORTS, EXCEPT SRQ, NDAC, AND NRFD GPIB I/O
PORTS
Receiver output R(eq) = 110 Ω NOM
R(eq) = equivalent resistor
Circuit inside dashed lines is on the driver outputs only.
Driver output R(eq) = 30 Ω NOM
GND
Input
VCC
NOM
9 k
Ω
10 k
Ω
NOM
1.7 k
Ω
NOM
NOM
4 k
Ω
Input/Output Port
10 k
Ω
NOM
1.7 k
Ω
NOM
NOM
4 k
Ω
R(eq)
NOM
4 k
Ω
Input/Output Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com