Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS161 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75ALS161
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75ALS161 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS161 Datasheet HTML 1Page - Texas Instruments SN75ALS161 Datasheet HTML 2Page - Texas Instruments SN75ALS161 Datasheet HTML 3Page - Texas Instruments SN75ALS161 Datasheet HTML 4Page - Texas Instruments SN75ALS161 Datasheet HTML 5Page - Texas Instruments SN75ALS161 Datasheet HTML 6Page - Texas Instruments SN75ALS161 Datasheet HTML 7Page - Texas Instruments SN75ALS161 Datasheet HTML 8Page - Texas Instruments SN75ALS161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN75ALS161
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019F − JUNE 1986 − REVISED JULY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Suitable for IEEE Standard 488-1978 (GPIB)
D 8-Channel Bidirectional Transceivers
D Designed to Implement Control Bus
Interface
D Designed for Single Controller
D High-Speed Advanced Low-Power Schottky
Circuitry
D Low Power Dissipation . . . 46 mW Max Per
Channel
D Fast Propagation Times . . . 20 ns Max
D High-Impedance pnp Inputs
D Receiver Hysteresis . . . 650 mV Typ
D Bus-Terminating Resistors Provided on
Driver Outputs
D No Loading of Bus When Device Is
Powered Down (VCC = 0)
D Power-Up/Power-Down Protection
(Glitch Free)
description/ordering information
The
SN75ALS161
eight-channel
general-purpose interface bus transceivers are
high-speed,
advanced
low-power
Schottky-process devices designed to provide the
bus-management and data-transfer signals between operating units of a single-controller instrumentation
system. When combined with the SN75ALS160 octal bus transceivers, this device provides a complete 16-wire
interface for the IEEE 488 bus.
The SN75ALS161 device features eight driver-receiver pairs connected in a front-to-back configuration to form
input/output (I/O) ports at both the bus and terminal sides. The direction of data through these driver-receiver
pairs is determined by the direction-control (DC) and talk-enable (TE) signals.
The driver outputs general-purpose interface bus (GPIB I/O ports) feature active bus-terminating resistor
circuits designed to provide a high impedance to the bus when VCC = 0. The drivers are designed to handle
sink-current loads up to 48 mA. Each receiver features pnp transistor inputs for high input impedance and
hysteresis of 400 mV on the commercial part, and 250 mV on the military part, minimum, for increased noise
immunity. All receivers have 3-state outputs, to present a high impedance to the terminal when disabled.
The SN75ALS161 is characterized for operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 20
SN75ALS161N
SN75ALS161N
0
°C to 70°C
SOIC (DW)
Tube of 25
SN75ALS161DW
75ALS161
0 C to 70 C
SOIC (DW)
Reel of 2000
SN75ALS161DWR
75ALS161
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TE
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
GND
VCC
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
DC
GPIB
I/O Ports
Terminal
I/O Ports
NAME
CLASS
IDENTITY
DC
TE
ATN
SRQ
REN
IFC
EOI
DAV
NDAC
NRFD
CHANNEL-IDENTIFICATION TABLE
Direction Control
Talk Enable
Attention
Service Request
Remote Enable
Interface Clear
End or Identify
Data Valid
Not Data Accepted
Not Ready for Data
Control
Bus
Management
Data
Transfer
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75ALS161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161DW TI-SN75ALS161DW Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161DW TI-SN75ALS161DW Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161DW TI-SN75ALS161DW Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com