Electronic Components Datasheet Search
  English  ▼

X  

SN54LS283 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LS283
Description   4-BIT BINARY FULL ADDERS WITH FAST CARRY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LS283 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LS283 Datasheet HTML 2Page - Texas Instruments SN54LS283 Datasheet HTML 3Page - Texas Instruments SN54LS283 Datasheet HTML 4Page - Texas Instruments SN54LS283 Datasheet HTML 5Page - Texas Instruments SN54LS283 Datasheet HTML 6Page - Texas Instruments SN54LS283 Datasheet HTML 7Page - Texas Instruments SN54LS283 Datasheet HTML 8Page - Texas Instruments SN54LS283 Datasheet HTML 9Page - Texas Instruments SN54LS283 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-7604301VEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-7604301VE
A
SNV54LS283J
5962-7604301VEA.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-7604301VE
A
SNV54LS283J
76043012A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
76043012A
SNJ54LS
283FK
7604301EA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
7604301EA
SNJ54LS283J
7604301FA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
7604301FA
SNJ54LS283W
JM38510/31202BEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
31202BEA
JM38510/31202BEA.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
31202BEA
JM38510/31202BFA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
31202BFA
JM38510/31202BFA.A
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
31202BFA
M38510/31202BEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
31202BEA
M38510/31202BFA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
31202BFA
SN54LS283J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54LS283J
SN54LS283J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54LS283J
SN54S283J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54S283J
SN54S283J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54S283J
SN74LS283D
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS283
SN74LS283D.A
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS283
SN74LS283N
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74LS283N
SN74LS283N.A
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74LS283N
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com