Electronic Components Datasheet Search
  English  ▼

X  

SN54LS283 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54LS283
Description   4-BIT BINARY FULL ADDERS WITH FAST CARRY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LS283 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54LS283 Datasheet HTML 3Page - Texas Instruments SN54LS283 Datasheet HTML 4Page - Texas Instruments SN54LS283 Datasheet HTML 5Page - Texas Instruments SN54LS283 Datasheet HTML 6Page - Texas Instruments SN54LS283 Datasheet HTML 7Page - Texas Instruments SN54LS283 Datasheet HTML 8Page - Texas Instruments SN54LS283 Datasheet HTML 9Page - Texas Instruments SN54LS283 Datasheet HTML 10Page - Texas Instruments SN54LS283 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
SN74LS283NE4
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74LS283N
SN74LS283NSR
Active
Production
SOP (NS) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
74LS283
SN74LS283NSR.A
Active
Production
SOP (NS) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
74LS283
SN74S283N
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74S283N
SN74S283N.A
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74S283N
SNJ54LS283FK
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
76043012A
SNJ54LS
283FK
SNJ54LS283FK.A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
76043012A
SNJ54LS
283FK
SNJ54LS283J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
7604301EA
SNJ54LS283J
SNJ54LS283J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
7604301EA
SNJ54LS283J
SNJ54LS283W
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
7604301FA
SNJ54LS283W
SNJ54LS283W.A
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
7604301FA
SNJ54LS283W
SNJ54S283J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SNJ54S283J
SNJ54S283J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SNJ54S283J
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com