Electronic Components Datasheet Search
  English  ▼

X  

VRW25 Datasheet(PDF) 1 Page - TT Electronics.

Part # VRW25
Description  High Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

VRW25 Datasheet(HTML) 1 Page - TT Electronics.

  VRW25 Datasheet HTML 1Page - TT Electronics. VRW25 Datasheet HTML 2Page - TT Electronics. VRW25 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage
Thick Film Resistors
VRW Series
Features
VRW37 meets requirements of BS / EN / IEC 60065
High working voltage to 10kV in compact size
High ohmic range to 68M
High pulse load capability
Robust flameproof coating material
Surface mount ZI-form option
High Voltage
Thick Film Resistors
VRW Series
• VRW37 meets the requirements of BS / EN /
IEC 60065
• High working voltage to 10kV in compact
size
• High ohmic range to 68M
• High pulse load capability
• Robust flameproof coating material
• RoHS compliant
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 07.06
A subsidiary of
TT electronics plc
Welwyn Components
70
7
3
W
R
V
5
2
W
R
V
5
.
0
5
2
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
M
0
3
o
t
K
0
0
1
M
0
3
o
t
K
0
0
1
)
s
m
h
O
(
e
g
n
a
r
e
c
n
a
t
si
s
e
R
0
0
5
3
0
0
6
1
k
a
e
p
c
a
r
o
c
d
s
tl
o
v
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
0
0
7
s
tl
o
v
e
g
a
tl
o
v
n
o
it
a
l
o
sI
0
0
2
C
°/
m
p
p
R
C
T
≤10M: 1, 5 >10M: 5
1, 5
%
e
c
n
a
r
e
l
o
T
e
c
n
a
t
si
s
e
R
Standard Values
E24 or E96
2
1
1
0
4
1
t
t
a
w
/
C
°
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
C
°
5
5
1
+
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
Physical Data (Dimensions (mm) & Weight (g)
Type
L
D
f
d
PCB
Min
Wt.
Max
Max
min
Nom
mount
bend
nom
centres
radius
VRW25
VRW37
VRW68
L
D
f
d
Construction
Resistive thick film material is applied to high-grade ceramic
rods. Tin-plated steel caps are force fitted and the
termination wires are welded to the caps. The value is
obtained by a helical cut in the film and finally the resistor
body is protected by a cement coating.
Marking
1% tolerance resistors are colour coded with 5 bands. 2%
and 5% tolerance have 4 bands. IEC62 colours are used.
Terminations
Material:
Hot tin dipped copper wire
Strength:
The terminations meet the requirements
of IEC 68.2.21
Solderability:
The terminations meet the requirements
of IEC 115-1 Clause 4.17.3.2
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistor coating will not burn under any condition of
applied temperature or power overload.
05.08
VRW68
1.0
100K to 68M
10000
70
6.2
2.5
21
0.6±0.05
10.2
0.6
0.3
9.0
3.7
19.6
0.8±0.05
12.5
1.2
0.5
15.5
5.0
27
0.8±0.05
20.3
1.2
1.15
d
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - VRW25

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
High Voltage Thick Film Resistors
More results

Similar Description - VRW25

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
High Voltage / Thick Film Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Riedon Powertron
HTE RIEDON-HTE Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com